Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1531 Datasheet(PDF) 25 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 25 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 21Page - Integrated Circuit Systems ICS1531 Datasheet HTML 22Page - Integrated Circuit Systems ICS1531 Datasheet HTML 23Page - Integrated Circuit Systems ICS1531 Datasheet HTML 24Page - Integrated Circuit Systems ICS1531 Datasheet HTML 25Page - Integrated Circuit Systems ICS1531 Datasheet HTML 26Page - Integrated Circuit Systems ICS1531 Datasheet HTML 27Page - Integrated Circuit Systems ICS1531 Datasheet HTML 28Page - Integrated Circuit Systems ICS1531 Datasheet HTML 29Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 76 page
background image
Chapter 6
Register Set
ICS1531 Rev N 12/1/99
December, 1999
25
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
ICS1531 Data Sheet - Preliminary
10h
Chip Ver
Read
7-0 Chip Ver
Read chip version 31 decimal (1F hex) as in 1531
1F
11h
Chip Rev
Read. IN-A.
7-4 Chip Major Rev
Read initial value 00h.
+Value increments with chip revision.
00+
3-0 Chip Minor Rev
Read initial value 01h.
+Value increments with chip revision.
01+
12h
Rd_Reg
Read
7-4 Reserved
Reserved
N/A
3
PNLCLK_Lock
Read PNLCLK lock status
N/A
2
MCLK_Lock
Read MCLK lock status
N/A
1
Pixel PLL_Lock
Read pixel PLL lock status
N/A
0
DPA_Lock
Read DPA lock status
N/A
13h-1Fh Reserved
N/A
20h
PNLCLK-M
R/W. D-PK.
7-0 PNLCLK_M
Select value for PNLCLK M Reference Divider
0
21h
PNLCLK-N
R/W. D-PK.
7-0 PNLCLK_N
Select value for PNLCLK N Feedback Divider
0
22h
PNLCLK-SS0
R/W. D-PK.
7-0 PNLCLK_SS0
Select value for PNLCLK spread-spectrum counter
LSBs bits 7-0
0
23h
PNLCLK-SS1
R/W. D-PK.
7-4 Reserved
Reserved
0
3-0 PNLCLK_SS1
Select value for PNLCLK spread-spectrum counter
MSBs bits 11-8
0
24h
PNLCLK-SSOE R/W. D-PK.
7-6 PNLCLK_SS
Select PNLCLK spread-spectrum gain
0
5
Reserved
Reserved
0
4-2 PNLCLK_PFD
Select PNLCLK Phase/Frequency Detector gain
0
1-0 PNLCLK_OSD
Select value for PNLCLK Output Scaler Divider
0
25h
PNLCLK-OE
R/W
7-3 Reserved
Reserved
0
2
CLK_SEL
Select input for PNLCLK PLL
0
1
PNLCLK_SSENB Enable PNLCLK spread-spectrum
0
0
PNLCLK_OE
Enable PNLCLK output
0
26h
MCLK-M
R/W. D-MK.
7-0 MCLK_M
Select value for MCLK M Reference Divider
0
27h
MCLK-N
R/W. D-MK.
7-0 MCLK_N
Select value for MCLK N Feedback Divider
0
28h
MCLK-SS0
R/W. D-MK.
7-0 MCLK_SS0
Select MCLK spread-spectrum counter LSBs bits 7-0
0
29h
MCLK-SS1
R/W. D-MK.
7-4 Reserved
Reserved
0
3-0 MCLK_SS1
Select MCLK spread-spectrum counter MSBs bits 11-8
0
2Ah
MCLK-SSOE
R/W. D-MK.
7-6 MCLK_SS
Select MCLK spread-spectrum gain
0
5
Reserved
Reserved
0
4-2 MCLK_PFD
Select MCLK Phase/Frequency Detector gain
0
1-0 MCLK_OSD
Select value for MCLK Output Scaler Divider
0
2Bh
MCLK-OE
R/W
7-2 Reserved
Reserved
0
1
MCLK_SSENB
Enable MCLK spread-spectrum
0
0
MCLK_OE
Enable MCLK output
0
Table 6-2.
Register Set Outline (Continued)
Register
Index
Register Name
Register
Access
Bit #
Bit Name
Brief Description
Reset
Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com