Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1531 Datasheet(PDF) 65 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 65 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 61Page - Integrated Circuit Systems ICS1531 Datasheet HTML 62Page - Integrated Circuit Systems ICS1531 Datasheet HTML 63Page - Integrated Circuit Systems ICS1531 Datasheet HTML 64Page - Integrated Circuit Systems ICS1531 Datasheet HTML 65Page - Integrated Circuit Systems ICS1531 Datasheet HTML 66Page - Integrated Circuit Systems ICS1531 Datasheet HTML 67Page - Integrated Circuit Systems ICS1531 Datasheet HTML 68Page - Integrated Circuit Systems ICS1531 Datasheet HTML 69Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 76 page
background image
Chapter 10
Timing Diagrams
ICS1531 Rev N 12/1/99
December, 1999
65
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
ICS1531 Data Sheet - Preliminary
10.1.3
Acknowledge Conditions
Figure 10-3 shows in general how an acknowledge works on an industry-standard 2-wire serial bus.
• For start and stop conditions, see Section 10.1.1, “Start and Stop Conditions”.
• The data transfers (1). (For details, see Section 10.1.2, “Transfer of Data Bytes”.) If there is a:
– Data read, the ICS1531 drives the data, and the master (typically, a microcontroller) drives the ACK.
– Data write, the master drives the data, and the ICS1531 drives the ACK.
• The acknowledge bit (ACK) is the ninth (and last) bit output.
– The ACK bit is a read-write bit that indicates whether the first 8 bits are either:
• Read from the ICS1531 by a master device (typically, a microcontroller), or
• Written to the ICS1531 by a master device
– For an acknowledge (2) to occur, you must do the following:
• Address the ICS1531 properly
• Write a valid register index
• Read/write the specified data
Figure 10-3.
Acknowledge on Industry-Standard 2-Wire Serial Bus
Clock from
Master Device
12
8
9
Clock
Pulse 1
Data Signal
Bit 6
(2)
ACK
Bit 7
(MSB)
Bit 0
(LSB)
Acknowledge
Clock Pulse
Data Transfer
Acknowledge
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com