Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1531 Datasheet(PDF) 38 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 38 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 34Page - Integrated Circuit Systems ICS1531 Datasheet HTML 35Page - Integrated Circuit Systems ICS1531 Datasheet HTML 36Page - Integrated Circuit Systems ICS1531 Datasheet HTML 37Page - Integrated Circuit Systems ICS1531 Datasheet HTML 38Page - Integrated Circuit Systems ICS1531 Datasheet HTML 39Page - Integrated Circuit Systems ICS1531 Datasheet HTML 40Page - Integrated Circuit Systems ICS1531 Datasheet HTML 41Page - Integrated Circuit Systems ICS1531 Datasheet HTML 42Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 76 page
background image
ICS1531 Rev N 12/1/99
December, 1999
38
Chapter 6
Register Set
ICS1531 Data Sheet - Preliminary
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
6.5.17
Register 20h: PNLCLK-M
The PNLCLK-M Register is used to divide the reference frequency provided to the PNLCLK PLL. The ‘M’
value is used to determine the output frequency of the PLL as specified in the equation given in Section
6.5.18, “Register 21h: PNLCLK-N”.
6.5.18
Register 21h: PNLCLK-N
The PNLCLK-N Register is used to determine the output frequency of the PNLCLK.
To determine the PNLCLK frequency (which is in units of MHz), use the following equation:
FPNLCLK =
Table 6-17.
PNLCLK-M Register
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
20:7-
20:0
PNLCLK_M [7-0]
PNLCLK_M (Reference Divider) [7-0].
• This register includes bits for the PNLCLK Reference
Divider.
• The value in this register is used as the variable ‘M’ in the
frequency equation given in Section 6.5.18, “Register
21h: PNLCLK-N”.
R/W
D-PK
0
Table 6-18.
PNLCLK-N Register
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
21:7-
21:0
PNLCLK_N [7-0]
PNLCLK_N (Feedback Divider) [7-0].
• This register includes bits for the PNLCLK Feedback
Divider.
• The value in this register is used as the variable ‘N’ in the
frequency equation for the PNLCLK.
R/W
D-PK
0
OSC
× (N + 8)
(M + 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com