Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1531 Datasheet(PDF) 8 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 8 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 4Page - Integrated Circuit Systems ICS1531 Datasheet HTML 5Page - Integrated Circuit Systems ICS1531 Datasheet HTML 6Page - Integrated Circuit Systems ICS1531 Datasheet HTML 7Page - Integrated Circuit Systems ICS1531 Datasheet HTML 8Page - Integrated Circuit Systems ICS1531 Datasheet HTML 9Page - Integrated Circuit Systems ICS1531 Datasheet HTML 10Page - Integrated Circuit Systems ICS1531 Datasheet HTML 11Page - Integrated Circuit Systems ICS1531 Datasheet HTML 12Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 76 page
background image
ICS1531 Rev N 12/1/99
December, 1999
8
Chapter 2
Summary
ICS1531 Data Sheet - Preliminary
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
2.9
Industry-Standard 2-Wire Serial Interface
To access all its registers, the ICS1531 uses an industry-standard 2-wire serial interface that operates at
one of the following speeds:
• A low speed of 100 kHz
• A high speed of 400 kHz
• An ultra speed of 800 kHz
For use with the 2-wire serial interface, the ICS1531 has 5 V-tolerant inputs. The ICS1531 can use either
of two unique, alternative sets of addresses. Table 2-2 lists the addresses that can be used, depending on
the state of the SBADR pin.
2.10
Programmable Outputs
For general-purpose outputs, the ICS1531 provides three programmable pins, PSEL3, PSEL2, PSEL1
(Reg 37:2-0).
Table 2-2.
ICS1531 Address Sets
Addresses in
Address Set
Address Set 1.
(SBADR Pin Is Low)
Address Set 2.
(SBADR Pin Is High)
7-bit device address
24h
25h
8-bit read address
49h
4Bh
8-bit write address
48h
4Ah



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com