Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1531 Datasheet(PDF) 60 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 60 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 56Page - Integrated Circuit Systems ICS1531 Datasheet HTML 57Page - Integrated Circuit Systems ICS1531 Datasheet HTML 58Page - Integrated Circuit Systems ICS1531 Datasheet HTML 59Page - Integrated Circuit Systems ICS1531 Datasheet HTML 60Page - Integrated Circuit Systems ICS1531 Datasheet HTML 61Page - Integrated Circuit Systems ICS1531 Datasheet HTML 62Page - Integrated Circuit Systems ICS1531 Datasheet HTML 63Page - Integrated Circuit Systems ICS1531 Datasheet HTML 64Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 76 page
background image
ICS1531 Rev N 12/1/99
December, 1999
60
Chapter 8
Layout and Power Considerations
ICS1531 Data Sheet - Preliminary
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
8.2
Power Considerations
8.2.1
Power-On Reset
The ICS1531 incorporates special internal power-on reset circuitry that requires no external reset signal
connections.
• During normal operations, the VDD supply voltage for the ICS1531 must remain within the
recommended operating conditions. (See Section 9.2, “Recommended Operating Conditions”.)
• To reset the ICS1531, do the following:
– Reduce the level of the VDD supply voltage to the ICS1531 (and the voltage seen on all ICS1531
pins) so that it is below Vth, the threshold voltage for time t1. (For a typical threshold voltage Vth, see
Section 10.2, “Power-On Reset Timing”.)
– Keep the supply voltage below that threshold voltage for time t1, such that power-conditioning
capacitors for the printed circuit board are drained and the proper reset state is latched. (For a typical
time t1, see Section 10.2, “Power-On Reset Timing”.)
• A successful power-on reset results in all the ICS1531 registers having the appropriate reset values as
stated in the tables in Chapter 6, “Register Set”.
8.2.2
Power Conservation
For information on how to conserve power, see the ICS1531 application notes.
8.2.3
Layout for Power Supply Voltages
See Section 8.1.1, “General Guidelines for Printed Circuit Board Layout”.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com