Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1531 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS1531 Datasheet HTML 1Page - Integrated Circuit Systems ICS1531 Datasheet HTML 2Page - Integrated Circuit Systems ICS1531 Datasheet HTML 3Page - Integrated Circuit Systems ICS1531 Datasheet HTML 4Page - Integrated Circuit Systems ICS1531 Datasheet HTML 5Page - Integrated Circuit Systems ICS1531 Datasheet HTML 6Page - Integrated Circuit Systems ICS1531 Datasheet HTML 7Page - Integrated Circuit Systems ICS1531 Datasheet HTML 8Page - Integrated Circuit Systems ICS1531 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 76 page
background image
ICS1531 Rev N 12/1/99
December, 1999
December 8, 2000 2:31pm
PRODUCT PREVIEW documents contain information on new products in
the sampling or preproduction phase of development. Characteristic data
and other specifications are subject to change without notice.
Integrated Circuit Systems, Inc.
Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
ICS1531 1531
Document Type:
Data Sheet
Document Stage: Preliminary Product Preview
Features
• 3-channel 8-bit analog-to-digital conversion up to 165 MHz
• Direct connection to analog input data (no external
pre-amplifier circuit needed)
• Video amplifier: 500-MHz analog bandwidth,
software-adjustable gain
• Dynamic Phase Adjust (DPA) for software-adjustable
analog sample points
• Software selectable: One pixel per clock (for 24-bit
pixels) or two pixels per clock (for a total of 48 bits)
• Internal clamp circuit. Very low jitter.
• Low-voltage TTL clock outputs, synchronized with
digital pixel data outputs
• Independent software reset for PLLs and DPA
• Double-buffered PLL and DPA control registers
• Two additional PLLs with spread spectrum for memory
and panel clock
• External/internal loop-filter selection with software
• Automatic Power-On Reset (POR) detection
• Uses 3.3 VDC. Digital inputs are 5-V tolerant.
• Industry-standard 2-wire serial bus interface speeds:
low (100 kHz), high (400 kHz), or ultra (800 kHz)
• Lock detection available in hardware and software
• 144-pin low-profile quad flat pack (LQFP) package
Applications
• LCD displays, LCD projectors, plasma displays, and
projection TVs
General Description
The ICS1531 is a high-performance, cost-effective,
3-channel, 8-bit analog-to-digital converter with an
integrated line-locked clock generator. It is part of a family
of chips intended for high-resolution video applications that
use analog inputs, such as LCD monitors, LCD projectors,
plasma displays, and projection TVs. Using IC S's
low-voltage CMOS mixed-signal technology, the ICS1531
is an effective data-capture solution for resolutions from
VGA to UXGA.
The ICS1531 offers analog-to-digital data conversion and
synchronized pixel clock generation at speeds of 100, 140, or
165 MHz (or mega samples per second, MSPS). The
Dynamic Phase Adjust (DPA) circuitry allows end-user
control over the pixel clock phase, relative to the recovered
sync signal and analog pixel data. Either the internal pixel
c lock can be use d as a capt ure cl ock i nput t o the
analog-to-digital converters or an external clock input can be
used. The ICS1531 provides either one or two 24-bit pixels
per clock. An ADCSYNC output pin provides recovered
HSYNC from the pixel clock phase-locked-loop (PLL)
divider chain output, which can be used to synchronize
display enable output.
A clamp signal can be generated internally or provided
through the CLAMP pin. A high-bandwidth video amplifier
with adjustable gain allows fine tuning of the analog signal.
The advanced PLL uses an internal programmable feedback
divider. Two additional, independent programmable PLLs,
each with spread-spectrum functionality, support memory
and panel clock requirements.
ICS1531
Functional
Block Diagram
PLL
DPA
PLL
Sp rea d S pectrum
POR
Serial IF
PLL
ADC
Crystal
Oscillator
Re d
Gre en
Blue
HSY N C
SD A
SC L
XTAL In
XTAL O u t
RA0 -R A 7
RB0 -R B 7
GA0 -GA7
GB0 -GB7
BA 0 -B A 7
BB 0 -B B 7
MC LK
PN LC LK
REF
ADCR CLK
ADC
ADC
VS Y N C
Sp rea d S pectrum
CLAM P
CLAM P
CLAM P
ADCS YN C


Similar Part No. - ICS1531

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS1532 IDT-ICS1532 Datasheet
318Kb / 36P
110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
More results

Similar Description - ICS1531

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9483 AD-AD9483 Datasheet
319Kb / 26P
Triple 8-Bit, 140 MSPS A/D Converter
REV.A
logo
Fairchild Semiconductor
TMC3503 FAIRCHILD-TMC3503 Datasheet
69Kb / 14P
Triple Video D/A Converter 8 bit, 80 Msps, 5V
TMC3533 FAIRCHILD-TMC3533 Datasheet
68Kb / 12P
Triple Video D/A Converter 8 bit, 80 Msps, 3.3V
logo
Integrated Circuit Syst...
ICS1522 ICST-ICS1522 Datasheet
366Kb / 13P
User-Programmable Video Clock Generator/ Line-Locked Clock Regenerator
RevF050697
logo
Intersil Corporation
HI2303 INTERSIL-HI2303 Datasheet
162Kb / 18P
Triple 8-Bit, 50 MSPS, Video A/D Converter with Clamp Function
December 1998
logo
Cadeka Microcircuits LL...
TMC3503 CADEKA-TMC3503 Datasheet
171Kb / 14P
Triple Video D/A Converter 8 bit, 80 Msps, 5V
logo
Integrated Device Techn...
ICS1532 IDT-ICS1532 Datasheet
318Kb / 36P
110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
logo
Analog Devices
AD9483 AD-AD9483_15 Datasheet
398Kb / 28P
Triple 8-Bit, 140 MSPS A/D Converter
REV. C
AD9713B AD-AD9713B_15 Datasheet
333Kb / 12P
12-Bit, 100 MSPS D/A Converters
REV. B
logo
Texas Instruments
THS8134 TI1-THS8134_14 Datasheet
408Kb / 26P
TRIPLE 8-BIT, 80 MSPS VIDEO D/A CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com