Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1531 Datasheet(PDF) 54 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 54 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 50Page - Integrated Circuit Systems ICS1531 Datasheet HTML 51Page - Integrated Circuit Systems ICS1531 Datasheet HTML 52Page - Integrated Circuit Systems ICS1531 Datasheet HTML 53Page - Integrated Circuit Systems ICS1531 Datasheet HTML 54Page - Integrated Circuit Systems ICS1531 Datasheet HTML 55Page - Integrated Circuit Systems ICS1531 Datasheet HTML 56Page - Integrated Circuit Systems ICS1531 Datasheet HTML 57Page - Integrated Circuit Systems ICS1531 Datasheet HTML 58Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 76 page
background image
ICS1531 Rev N 12/1/99
December, 1999
54
Chapter 7
Programming
ICS1531 Data Sheet - Preliminary
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
Chapter 7
Programming
7.1
Industry-Standard 2-Wire Serial Bus: Data Format
Figure 7-1 shows the data format for an industry-standard 2-wire serial bus.
Note:
1.
All values are transmitted with the most-significant bit (MSB) first and the least-significant bit (LSB) last.
2.
A dashed line
means multiple transactions.
3.
A = ACK = Acknowledge
4.
R = Read = 1
5.
S = Start
6.
W = Write = 0
7.
X = Bit value that equals the logic state of the SBADR pin.
8.
Direction:
Figure 7-1.
ICS1531 Data Format for Industry-Standard 2-Wire Serial Bus
Note 1: For the register address, the:
• Lower nibble automatically increments after each successive data byte is written to or read from the
ICS1531.
• Upper nibble does not automatically increment, and the software must explicitly re-address the ICS1531.
As a result, to write or read all the ICS1531 registers, the software:
– Must not index 0 and then do 64 one-byte transactions.
– Must break the transactions into four separate bus transactions:
(1) 00 to 0F (2) 10 to 1F (3) 20 to 2F (4) 30 to 3F
ICS1531 drives signal to master device
Master device drives signal to ICS1531
MSB
LSB
S
0 1001 0 X W A
A
A Stop
7-bit address
Reg address
Data
Read Procedure for Single Register
MSB
LSB
MSB
LSB
S
0 1001 0 X W A
A S 0
1 0 0 1 0 X
R
A
A Stop
7-bit address
Reg address
7-bit address
Data
Repeat START
NO Acknowledge
Write Procedure for Multiple Registers (Note 1)
MSB
LSB
S
0 1001 0 X W A
A
A
A
A Stop
7-bit address
Reg address
Data
Data
Read Procedure for Multiple Registers (Note 1)
MSB
LSB
MSB
LSB
S
0 1001 0 X W A
A S 0
1 0 0 1 0 X
R
A
A
A
Stop
7-bit address
Reg address
7-bit address
Data
Data
Repeat START
NO Acknowledge



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com