Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1531 Datasheet(PDF) 47 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 47 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 43Page - Integrated Circuit Systems ICS1531 Datasheet HTML 44Page - Integrated Circuit Systems ICS1531 Datasheet HTML 45Page - Integrated Circuit Systems ICS1531 Datasheet HTML 46Page - Integrated Circuit Systems ICS1531 Datasheet HTML 47Page - Integrated Circuit Systems ICS1531 Datasheet HTML 48Page - Integrated Circuit Systems ICS1531 Datasheet HTML 49Page - Integrated Circuit Systems ICS1531 Datasheet HTML 50Page - Integrated Circuit Systems ICS1531 Datasheet HTML 51Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 76 page
background image
Chapter 6
Register Set
ICS1531 Rev N 12/1/99
December, 1999
47
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
ICS1531 Data Sheet - Preliminary
6.5.32
Register 30h: ADC CTRL
The ADC CTRL (Analog-to-Digital Converter Control) Register is used to control the ADC.
Table 6-31.
ADC CTRL Register
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
30:7
ADC_OE
Analog-to-Digital Converter (Digital) Outputs Enable.
This bit enables the ADC digital outputs.
• 0 = The ADC digital outputs are disabled.
(The ICS1531 output pads are high-impedance.)
• 1 = The ADC digital outputs are enabled.
(The polarity is controlled by Reg 30:5.)
R/W
–
0
30:6
ADC_Sel
Analog-to-Digital Converter (Capture) Select.
This bit selects a mode for the ADC.
• 0 =
– The clock rate is 2 pixels per clock (half-rate clock).
– Both the ‘A’ and ‘B’ channels each provide 24-bit pixels
(48 bits total).
• 1 =
– The clock rate is 1 pixel per clock (full-rate clock).
– The ‘A’ channel provides 24-bit pixels (24 bits total).
– The ‘B’ channel is driven either high or low, depending
on the value of Reg 30:5 (ADC_INV).
R/W
–
0
30:5
ADC_Inv
Analog-to-Digital Converter (Output) Invert (Disable).
This bit disables the inversion of the ADC outputs.
• 0 = The ADC outputs are inverted.
• 1 = The ADC outputs are not inverted (default).
R/W
–
1
30:4
Force_ADC
Force Analog-to-Digital Converter (Outputs).
This bit forces to ‘off’ all output buffers for the ADC pin.
• 0 = Normal operation
• 1 = Force all ADC output buffers low or high as follows:
– Reg 30:5 = 0 to force buffers low
– Reg 30:5 = 1 to force buffers high
R/W
–
0
30:3
CLAMP_Pol
Clamp Polarity.
This bit selects the polarity of the signal to a clamp.
• 0 = The polarity of the signal to a clamp is positive.
• 1 = The polarity of the signal to a clamp is negative.
R/W
–
0
30:2
CLAMP_Sel
Clamp (Source) Select.
This bit selects the source of the signal to a clamp.
• 0 = The source of the signal is internally generated.
• 1 = The source of the signal is from the CLAMP pin.
R/W
–
0
30:1
VA_Disable
Video Amplifier Disable.
• 0 = Video amplifier is enabled (default).
• 1 = Video amplifier is disabled to conserve power.
––
0
30:0
FA_Disable
Fine Adjust Disable.
• 0 = The DACs are enabled and they drive the VRTR,
VRTG, and VRTB pins internally.
• 1 = The DACs are disabled and the VRTR, VRTG, and
VRTB pins must be driven externally with ADC top
reference voltage.
R/W
–
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com