Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1531 Datasheet(PDF) 33 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 33 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 29Page - Integrated Circuit Systems ICS1531 Datasheet HTML 30Page - Integrated Circuit Systems ICS1531 Datasheet HTML 31Page - Integrated Circuit Systems ICS1531 Datasheet HTML 32Page - Integrated Circuit Systems ICS1531 Datasheet HTML 33Page - Integrated Circuit Systems ICS1531 Datasheet HTML 34Page - Integrated Circuit Systems ICS1531 Datasheet HTML 35Page - Integrated Circuit Systems ICS1531 Datasheet HTML 36Page - Integrated Circuit Systems ICS1531 Datasheet HTML 37Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 76 page
background image
Chapter 6
Register Set
ICS1531 Rev N 12/1/99
December, 1999
33
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
ICS1531 Data Sheet - Preliminary
6.5.7
Register 06h: Output Enables
The Output Enables Register is used to select and enable various outputs.
Note:
Table 6-10 refers to ADC_FUNC, an internally generated signal that is delayed so it is in the same
domain as the internal ADC_CLK signal (that is, the pixel clock). Functionally, depending on the
setting of Reg 06:3, ADC_FUNC is equivalent to either ADCSYNC (which provides recovered
HSYNC) or the input HSYNC.
Table 6-10.
Output Enables Register
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
06:7
Reserved
Reserved.
• See Section 6.1, “Reserved Bits”.
• This bit can be programmed to ‘0’.
––
0
06:6
OE_Tck
Output Enable Clock.
This bit enables the pixel clock output on the CLK pin.
• 0 = The pixel clock output is disabled (high- impedance).
• 1 = The pixel clock output is enabled.
––
0
06:5
OE_ADCRCLK
Output Enable for ADCRCLK.
This bit enables the clock output for ADCRCLK. When this bit is:
• 0 = The following are both true:
– The clock output for the ADC is disabled (that is, high-
impedance).
– Because the clock source for the ADC is accepted from
the ADCRCLK pin, an external clock can be provided to
the ADC.
• 1 = The following are both true:
– The clock output for the ADC is enabled.
– The input multiplexer selects the internal pixel clock.
––
0
06:4
OE_ADCSYNC
Output Enable for ADCSYNC.
This bit enables the output for ADCSYNC. When this bit is:
• 0 = The following are both true:
– The output for the ADCSYNC signal is disabled (high-
impedance).
– An external sync signal for the ADC is accepted from the
ADCSYNC pin.
• 1 = The following are both true:
– The output for the ADCSYNC signal is enabled.
– The input multiplexer selects the internal sync signal.
R/W
–
0
06:3
FUNC_Sel
FUNC Select.
This bit selects the source of the signal to ADC_FUNC. (See the
note at the first of this table.)
• 0 = The source is recovered HSYNC.
• 1 = The source is REF, the input HYSNC signal that is
conditioned before it goes to the phase-locked loop block.
––
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com