Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1531 Datasheet(PDF) 29 Page - Integrated Circuit Systems

Part # ICS1531
Description  Triple 8-bit MSPS A/D Converters with Line-Locked Clock Generator
PDF  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1531 Datasheet(HTML) 29 Page - Integrated Circuit Systems

Back Button ICS1531 Datasheet HTML 25Page - Integrated Circuit Systems ICS1531 Datasheet HTML 26Page - Integrated Circuit Systems ICS1531 Datasheet HTML 27Page - Integrated Circuit Systems ICS1531 Datasheet HTML 28Page - Integrated Circuit Systems ICS1531 Datasheet HTML 29Page - Integrated Circuit Systems ICS1531 Datasheet HTML 30Page - Integrated Circuit Systems ICS1531 Datasheet HTML 31Page - Integrated Circuit Systems ICS1531 Datasheet HTML 32Page - Integrated Circuit Systems ICS1531 Datasheet HTML 33Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 76 page
background image
Chapter 6
Register Set
ICS1531 Rev N 12/1/99
December, 1999
29
Copyright © 1999, Integrated Circuit Systems, Inc.
All rights reserved.
ICS1531 Data Sheet - Preliminary
6.5.2
Register 01h: Loop Control Register
The Loop Control Register is used to control the pixel PLL.
00:0
PD_En
Phase/(Frequency) Detector Enable.
This bit is used to enable the Phase/Frequency Detector.
Typically, the signal for this bit is from the source of the VSYNC
signal to a display.
• 0 = The Phase/Frequency Detector is disabled temporarily
and ‘coasts’ (that is, it continues to be disabled) as long as
the signal from the PDEN pin is in an active state. (See
Reg 00:1).
• 1 = The Phase/Frequency Detector is enabled regardless
of the PDEN pin state. (This state overrides Reg 00:1.)
R/W
–
1
Table 6-4.
Loop Control Register
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set
01:7-
01:6
Reserved
Reserved.
• See Section 6.1, “Reserved Bits”.
• These bits can be programmed to ‘0’.
––
0
01:5-
01:4
PSD [1-0]
Post-Scaler Divider [1-0].
• These bits select the division value for the Post-Scaler
Divider (PSD).
• By dividing the frequency output from the voltage-controlled
oscillator (VCO), the PSD can set the ratio of the VCO
frequency output to the pixel clock frequency as follows.
– 0 = Division is by 2, so the ratio is 2:1.
– 1 = Division is by 4, so the ratio is 4:1.
– 2 = Division is by 8, so the ratio is 8:1.
– 3 = Division is by 16, so the ratio is 16:1.
R/W
D-PLL
0
01:3
Reserved
Reserved.
• See Section 6.1, “Reserved Bits”.
• This bit can be programmed to ‘0’.
––
0
01:2-
01:0
PFD [2-0]
Phase/Frequency Detector (Gain) [2-0].
These bits select the gain (that is,
µA/2πrad) for the
Phase/Frequency Detector.
• 0 = PFD gain selected is 1 µA.
• 1 = PFD gain selected is 2 µA.
• 2 = PFD gain selected is 4 µA.
• 3 = PFD gain selected is 8 µA.
• 4 = PFD gain selected is 16 µA.
• 5 = PFD gain selected is 32 µA.
• 6 = PFD gain selected is 64 µA.
• 7 = PFD gain selected is 128 µA.
R/W
D-PLL
0
Table 6-3.
Input Control Register (Continued)
Bit
Bit Name
Bit Definition
Ac-
cess
Spec.
Func.
Re-
set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com