Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1532 Datasheet(PDF) 7 Page - Integrated Device Technology

Part # ICS1532
Description  110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1532 Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button ICS1532 Datasheet HTML 3Page - Integrated Device Technology ICS1532 Datasheet HTML 4Page - Integrated Device Technology ICS1532 Datasheet HTML 5Page - Integrated Device Technology ICS1532 Datasheet HTML 6Page - Integrated Device Technology ICS1532 Datasheet HTML 7Page - Integrated Device Technology ICS1532 Datasheet HTML 8Page - Integrated Device Technology ICS1532 Datasheet HTML 9Page - Integrated Device Technology ICS1532 Datasheet HTML 10Page - Integrated Device Technology ICS1532 Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
MDS 1532 G
7
Revision 060804
www.idt.com
ICS1532
Clock In
STATUS#
Output
Status - Active-low when locked pin works with Reg 2C:1-0
111
Clock In
XFILRET
Input
External Filter Return. - External filter input between self and EXTFIL
143
Ground
AVSS
Ground
Main Analog Ground - Connect to the common ground plane
14, 18, 21
Ground
VSS
Ground
Main PLL Ground - Connect to the common ground plane
1 & 5
Ground
VSSA
Ground
Main PLL Analog Ground - Connect to the common ground plane
135
Ground
VSSAADC(2.5)
Ground
Analog ADC Ground - Ground for 2.5 volt analog portions of the ADC
• Connect to the common ground plane
25 & 26
Ground
VSSD
Ground
Digital Ground - Connect to the common ground plane
139
Ground
VSSDADC(2.5)
Ground
Digital ADC Ground - Ground for 2.5 volt digital portions of the ADC
• Connect to the common ground plane
3, 52
Ground
VSSMCLK
Ground
MCLK PLL Ground - Connect to the common ground plane
99
Ground
VSSPCLK
Ground
PNLCLK PLL Ground - Connect to the common ground plane
102
Ground
VSSQ
Ground
Main PLL Output Ground - Connect to the common ground plane
110
Ground
VSSQADC
Ground
Pixel Data Output Driver Ground
• Connect to the common ground plane
36, 44, 56,
64, 72, 80,
88, 96
Ground
VSSSUB
Ground
Ground for Substrate - Connect to the common ground plane
7, 116
Ground
VSSTEST2
VSSTEST1
Ground
Ground or Test Outputs - Connect to the common ground plane
12, 13
Ground
VSSXTL
Ground
Crystal Oscillator Ground - Connect to the common ground plane
105
Power
VDDA
3.3
(3.3 V) Supply for Analog Pixel PLL Circuitry
134
Power
VDDAADC(2.5)
2.5
(2.5 V) Supply for Analog ADC Circuitry
24 & 27
Power
VDDD
3.3
(3.3 V) Supply for Main PLL and I2C Bus
140
Power
VDDDADC(2.5)
2.5
(2.5 V) Supply for Digital ADC Circuitry
4, 53
Power
VDDMCLK
3.3
(3.3 V) Supply for MCLK
100
Power
VDDPCLK
3.3
(3.3 V) Supply for PNLCLK
103
Power
VDDQ
3.3
(3.3 V) Supply for Output Drivers
109
Power
VDDQADC
3.3
(3.3 V) Supply for Pixel Data Output Drivers
29, 37, 45,
57, 65, 73,
81, 89
Power
VDDXTL
3.3
(3.3V) Supply for Crystal Oscillator
108
NC
No Connect
NC
No Connect - Do not connect these pins.
11, 17, 117 -
133, 136
Reserved
Reserved
RES.
Reserved - Do not connect these pins.
97, 98
Table 2-1.
Pin Listing by Functional Group (Continued)
Pin
Group
Pin
Name
Pin
Type
Pin Description
Pin #



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com