Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1532 Datasheet(PDF) 28 Page - Integrated Device Technology

Part # ICS1532
Description  110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1532 Datasheet(HTML) 28 Page - Integrated Device Technology

Back Button ICS1532 Datasheet HTML 24Page - Integrated Device Technology ICS1532 Datasheet HTML 25Page - Integrated Device Technology ICS1532 Datasheet HTML 26Page - Integrated Device Technology ICS1532 Datasheet HTML 27Page - Integrated Device Technology ICS1532 Datasheet HTML 28Page - Integrated Device Technology ICS1532 Datasheet HTML 29Page - Integrated Device Technology ICS1532 Datasheet HTML 30Page - Integrated Device Technology ICS1532 Datasheet HTML 31Page - Integrated Device Technology ICS1532 Datasheet HTML 32Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 36 page
background image
110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
ICS1532
MDS 1532 G
28
Revision 060804
www.idt.com
Total Power Dissipation
900
1200
mW
110 MHz
Crystal Requirements
Frequency - Parallel
Resonance
10
14.318
20
MHz
Load Capacitance
-
20
-
pF
Zero frequency error by design when the total on-chip + stray capacitance is equal to 20pF.
When using spread spectrum functionality, 14.318 MHz is REQUIRED.
Dynamic Performance
Analog Input Bandwidth
450
MHz
Signal-to-Noise Ratio
SNR
32
44
dB
108 MHz Internal
PLL
Crosstalk
50
dBc
Thermal Characteristics
Junction to Case Thermal
Resistance
9
oC/W
Junction to Ambient Thermal
Resistance
32
oC/W
Flow = 0 m/s
Table 11-4
AC Operating Characteristics
(VDDx = 3.3 Volts, VDDx(2.5) = 2.5 Volts, Temperature = 25oC
Parameter
Symbol
Min.
Typ.
Max.
Units
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com