Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1532 Datasheet(PDF) 12 Page - Integrated Device Technology

Part # ICS1532
Description  110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1532 Datasheet(HTML) 12 Page - Integrated Device Technology

Back Button ICS1532 Datasheet HTML 8Page - Integrated Device Technology ICS1532 Datasheet HTML 9Page - Integrated Device Technology ICS1532 Datasheet HTML 10Page - Integrated Device Technology ICS1532 Datasheet HTML 11Page - Integrated Device Technology ICS1532 Datasheet HTML 12Page - Integrated Device Technology ICS1532 Datasheet HTML 13Page - Integrated Device Technology ICS1532 Datasheet HTML 14Page - Integrated Device Technology ICS1532 Datasheet HTML 15Page - Integrated Device Technology ICS1532 Datasheet HTML 16Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 36 page
background image
110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
ICS1532
MDS 1532 G
12
Revision 060804
www.idt.com
4.4
Complete Register Set
Table 4-2.
New Register Set Outline
Register
Index
Register Name
Register
Access
Bit #
Bit Name
Brief Description
Reset
Value
00h
Input Control
R/W
7-6 HSYNC_Sel
Select HSYNC Input Threshold for Main PLL
0
– See Chapter 11-3, “Pin Specific I/O AC
Parameters”
5
In_Sel
Select Main PLL Phase Detector Input
– 0 = HSYNC source selected by Reg0:7-6
– 1 = Input is the OSC pin
1
4
Fdbk Div Load
Select load for Feedback Divider
– 0 = New values loaded on a pixel PLL
reset.-(Normal Operation)
– 1 = New values loaded on the HSYNC without a
PLL reset - Only usable for small changes
0
3
Fdbk_Pol
Select feedback polarity for Phase/Frequency Detector
– 0 = Main/Pixel PLL uses the rising edge
– 1 = Main/Pixel PLL uses the falling edge
0
2
Ref_Pol
Select polarity of external reference
– 0 = Rising HSYNC Edge Selected
– 1 = Falling HSYNC Edge Selected
0
1
CP_Pol
Select polarity of COAST Input if Reg0:0=1
– 0 = Charge Pump enabled if COAST pin high
– 1 = Charge Pump enabled if COAST pin low
0
0
CP_En
Charge Pump (CP) Enable
– 0 = CP enabled by Reg0:1 and COAST
– 1 = CP always Enabled - Normal Operation
1
01h
Loop Control
R/W. D-PLL.
7-6 Reserved
Reserved
0
5-4 VCOS
Select VCO Scaler Value
VCO frequency = (Output frequency) * VCOS(d)
– 00 = 2:1
– 01 = 4:1
– 10 = 8:1
– 11 = 16:1
0
3
Reserved
Reserved
0
2-0 ICP
ICP - Charge Pump Current
– 000 = ~2
μA
– 001 = ~4
μA
– 010 = ~8
μA (Typical with Internal Filter)
– 011 = ~16
μA.
– 100 = ~32
μA
– 101 = ~64
μA
– 110 = ~120
μA.
– 111 = ~190
μA
0
02h
Fdbk Div 0
R/W. D-PLL.
7-0 FDBK [7-0]
Feedback Divider LSB’s bits 7-0 - See Reg3 for MSB’s
– Controls the number of CLK outputs per HSYNC
– Actual # of CLK’s = 8 + (Reg3 + Reg2)d
N/A
03h
Fdbk Div 1
R/W. D-PLL.
7-4 Reserved
Reserved
–
3-0 FDBK [11-8]
Feedback Divider MSB’s bits 11-8 - See Reg2
N/A
04h
DPA Offset
R/W
7-6 Reserved
Reserved
0
5-0 DPA_OS
Dynamic Phase Adjust (DPA) Offset
– See Chapter 5, “DPA Operation”
The value programmed here must be less than the
DPA Resolution controlled by Reg5:1-0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com