Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1532 Datasheet(PDF) 36 Page - Integrated Device Technology

Part # ICS1532
Description  110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1532 Datasheet(HTML) 36 Page - Integrated Device Technology

Back Button ICS1532 Datasheet HTML 28Page - Integrated Device Technology ICS1532 Datasheet HTML 29Page - Integrated Device Technology ICS1532 Datasheet HTML 30Page - Integrated Device Technology ICS1532 Datasheet HTML 31Page - Integrated Device Technology ICS1532 Datasheet HTML 32Page - Integrated Device Technology ICS1532 Datasheet HTML 33Page - Integrated Device Technology ICS1532 Datasheet HTML 34Page - Integrated Device Technology ICS1532 Datasheet HTML 35Page - Integrated Device Technology ICS1532 Datasheet HTML 36Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 36 / 36 page
background image
110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
ICS1532
MDS 1532 G
36
Revision 060804
www.idt.com
Chapter 14
Ordering Information
Figure 14-1
ICS1532 Ordering Information
While the information presented herein has been checked for both accuracy and reliability, Integrated
Device Technology, Incorporated (IDT) assumes no responsibility for either its use or for infringement of
any patents or other rights of third parties, which would result from its use. No other circuits, patents, or
licenses are implied. This product is intended for use in normal commercial applications. Any other
applications such as those requiring extended temperature range, high reliability, or other extraordinary
environmental requirements are not recommended without additional processing by IDT. IDT reserves the
right to change any circuitry or specifications without notice. IDT does not authorize or warrant any IDT
product for use in life support devices or critical medical instruments.
Part / Order Number
Marking
Package
Shipping
1532A
ICS1532A
144-pin LQFP
Trays



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com