Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1532 Datasheet(PDF) 21 Page - Integrated Device Technology

Part # ICS1532
Description  110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1532 Datasheet(HTML) 21 Page - Integrated Device Technology

Back Button ICS1532 Datasheet HTML 17Page - Integrated Device Technology ICS1532 Datasheet HTML 18Page - Integrated Device Technology ICS1532 Datasheet HTML 19Page - Integrated Device Technology ICS1532 Datasheet HTML 20Page - Integrated Device Technology ICS1532 Datasheet HTML 21Page - Integrated Device Technology ICS1532 Datasheet HTML 22Page - Integrated Device Technology ICS1532 Datasheet HTML 23Page - Integrated Device Technology ICS1532 Datasheet HTML 24Page - Integrated Device Technology ICS1532 Datasheet HTML 25Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
MDS 1532 G
21
Revision 060804
www.idt.com
ICS1532
Chapter 10
Programming
10.1
I2C Serial Bus: Data Format
Figure 10-1.
ICS1532 Data Format for I2C Serial Bus
Note: In general, the:
• Lower nibble of the I2C register automatically increments after each successive data byte is written to or
read from the ICS1532.
• Upper nibble of the I2C register does not automatically increment, and the software must explicitly
re-address the ICS1532. As a result, to write or read all the ICS1532 registers, the software:
– Must NOT index 0 and then do 64 one-byte transactions.
– Must break the transactions into at least four separate bus transactions:
(1) 00 to 0F (2) 10 to 1F (3) 20 to 2F (4) 30 to 3F
W r it e P r o c ed u r e f o r S in g le Re g is t er
MS B
L S B
S
010010X W A
A
A
Slav e a ddr es s
Re g s ite r In dex
Da ta
Re a d P r o c ed u r e f o r S in g le Re g ist er
MS B
L S B
MS B
L S B
S
010010X W A
AS
010
010X
R A
A
Slav e a ddr es s
Re g s ite r In dex
Slav e ad dr es s
Data
Repe at STA RT
NO A c kn ow le d g e
W r it e P r o c ed u r e f o r M u lt ip le Re g is t er s ( No t e 1 )
MS B
L S B
S
010010X W A
A
A
A
A
Slav e a ddr es s
Re g s ite r In dex
Da ta
Da ta
Re a d P r o c ed u r e f o r M u lt ip le Re g ist er s ( No t e 1 )
MS B
L S B
MS B
L S B
S
010010X W A
AS
010
010X
R A
A
A
Slav e a ddr es s
Re g s ite r In dex
Slav e ad dr es s
Data
Data
Repe at STA RT
NO A c kn o w ledg e
Le ge nd
A ll v a lues are s ent w ith the m os t -s ignific ant bit (M S B ) firs t and leas t-s ignific ant bit (L S B ) la s t.
R
= R e ad = 1
W
= W rite = 0
S
= S t art (S D A goes lo w w hen S C L w a s high , then S C L goes lo w too)
A
= A C K = A c k n ow le d ge = 0
A
= N A K = N o A c k n ow le g e = 1
X
= B it v a lue that equals logic s t ate of S B A D R pin.
= (D as hed Line) M u lt ip le trans ac tions
B us M a s ter driv es s ignal to IC S 1532
IC S 1532 (S la v e D e v ic e ) driv es s ignal to B u s M a s t er
Stop
Stop
Stop
Stop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com