Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1532 Datasheet(PDF) 13 Page - Integrated Device Technology

Part # ICS1532
Description  110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

ICS1532 Datasheet(HTML) 13 Page - Integrated Device Technology

Back Button ICS1532 Datasheet HTML 9Page - Integrated Device Technology ICS1532 Datasheet HTML 10Page - Integrated Device Technology ICS1532 Datasheet HTML 11Page - Integrated Device Technology ICS1532 Datasheet HTML 12Page - Integrated Device Technology ICS1532 Datasheet HTML 13Page - Integrated Device Technology ICS1532 Datasheet HTML 14Page - Integrated Device Technology ICS1532 Datasheet HTML 15Page - Integrated Device Technology ICS1532 Datasheet HTML 16Page - Integrated Device Technology ICS1532 Datasheet HTML 17Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
110 MHZ TRIPLE 8-BIT ADC WITH CLOCK GENERATOR
MDS 1532 G
13
Revision 060804
www.idt.com
ICS1532
05h
DPA Control
R/W. D-DPA.
7-2 Reserved
Reserved
–
1-0 DPA_Res
DPA resolution (Number of available Delay Elements)
See Chapter 5, “DPA Operation”
– 00 = 16 elements - supports 55 to 110 MHz
– 01 = 32 elements - supports 27 to 110 MHz
– 10 = Reserved
– 11 = 64 elements - supports 14 to 64 MHz
N/A
06h
Output Enables R/W
7
Reserved
Reserved
0
6
OE_TCLK
Enable CLK output to ADC and CLK pin
1 = MUST be Enabled for Normal Operation
0
5
OE_ADCRCLK
Enable ADCRCLK clock output
0
4
OE_ADCSYNC
Enable output for ADCSYNC
0
3
FUNC_Sel
Select signal source for ADC_FUNC signal
0 = Output of the Feedback Divider - Normal Operation
1 = ADC_FUNC output is REF
0
2
FUNC_Delay
Additional one CLK delay for ADC_FUNC signal
0
1
Reserved
Reserved
0
0
Reserved
Reserved
0
07h
OSC Divider
R/W
7-0 OSC_Div
Oscillator divider value
0
– 00000000 = Reserved.
– 00000001 = (OSC / 2)
– 00000010 = (OSC / 2) / 2
– 00000011 = (OSC / 2) / 3, and so forth.
08h
Internal Filter
R/W
7
Shunt_Sel
Select additional Cp capacitor
1
Values?
6-4 Res_Sel
Select additional Rs resistance
7
Values?
3-1 Cap_Sel
Select additional Cs capacitance
7
0
Fil_Sel
Selects Loop Filter Select
1 = Internal (Typical)
0=External
1
09h
Reserved
N/A
0Ah
Pixel PLL/
DPA Resets
Write
7-4 Pixel PLL Reset
Writing 5xh resets pixel PLL and loads working Regs
1h through 3h
N/A
3-0 DPA Reset
Writing xAh resets DPA and loads working Reg 5h
N/A
0Bh-0Fh Reserved
N/A
10h
Chip Ver
Read
7-0 Chip Ver
Read chip version 32 decimal (20h) as in 1532
20
11h
Chip Rev
Read. IN-A.
7-4 Chip Major Rev
Value increments with major chip revision.
01
Table 4-2.
New Register Set Outline (Continued)
Register
Index
Register Name
Register
Access
Bit #
Bit Name
Brief Description
Reset
Value
1
2
3
OSC Period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com