Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

683LP6CE Datasheet (PDF) - Hittite Microwave Corporation

683LP6CE Datasheet PDF - Hittite Microwave Corporation
Part # 683LP6CE
Download  683LP6CE Download
File Size   868.29 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 0.7 - 1.0 GHz

683LP6CE Datasheet (PDF)

Go To PDF Page Download Datasheet
683LP6CE Datasheet PDF - Hittite Microwave Corporation

Part # 683LP6CE
Download  683LP6CE Click to download

File Size   868.29 Kbytes
Page   10 Pages
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation
Description HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 0.7 - 1.0 GHz

683LP6CE Datasheet (HTML) - Hittite Microwave Corporation




Similar Part No. - 683LP6CE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
683LKP010M ILLINOISCAPACITOR-683LKP010M Datasheet
412Kb / 6P
85째C Screw Terminal Aluminum Electrolytic Capacitors
683LKP016M ILLINOISCAPACITOR-683LKP016M Datasheet
412Kb / 6P
85째C Screw Terminal Aluminum Electrolytic Capacitors
683LKP025M ILLINOISCAPACITOR-683LKP025M Datasheet
412Kb / 6P
85째C Screw Terminal Aluminum Electrolytic Capacitors
683LKP035M ILLINOISCAPACITOR-683LKP035M Datasheet
412Kb / 6P
85째C Screw Terminal Aluminum Electrolytic Capacitors
683LKP050M ILLINOISCAPACITOR-683LKP050M Datasheet
412Kb / 6P
85째C Screw Terminal Aluminum Electrolytic Capacitors
More results


Similar Description - 683LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC420QS16 HITTITE-HMC420QS16 Datasheet
329Kb / 8P
CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC420QS16 HITTITE-HMC420QS16_10 Datasheet
829Kb / 8P
CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
HMC682LP6C HITTITE-HMC682LP6C Datasheet
890Kb / 10P
HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
HMC990LP4E HITTITE-HMC990LP4E Datasheet
2Mb / 24P
BROADBAND HIGH IP3 DUAL CHANNEL DOWNCONVERTER
logo
TriQuint Semiconductor
ML483 TRIQUINT-ML483_15 Datasheet
322Kb / 8P
0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
TQP569022 TRIQUINT-TQP569022_15 Datasheet
721Kb / 15P
1.7-2.2 GHz High IP3 Dual Channel Downconverter
logo
Analog Devices
HMC1190ALP6NE AD-HMC1190ALP6NE Datasheet
3Mb / 63P
BROADBAND HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ Fractional-N PLL & VCO, 0.7 - 3.8 GHz
More results




About Hittite Microwave Corporation


Hittite Microwave Corporation was a semiconductor company that designed and manufactured high-performance integrated circuits (ICs), modules, and subsystems for radio frequency (RF), microwave, and millimeter-wave applications. The company was founded in 1985 and was based in Chelmsford, Massachusetts.

Hittite Microwave's products were used in various applications, including cellular infrastructure, test and measurement equipment, military and aerospace, broadband, and fiber optics. The company's product portfolio included amplifiers, mixers, switches, attenuators, synthesizers, and other RF and microwave components.

In 2014, Analog Devices, Inc. (ADI), a leading semiconductor company specializing in signal processing and analog technologies, acquired Hittite Microwave Corporation for approximately $2.45 billion. After the acquisition, Hittite Microwave became part of ADI's RF and Microwave business unit.

Today, Analog Devices, Inc. continues to provide high-performance RF and microwave products and solutions for a broad range of applications, leveraging the expertise and technologies gained through the acquisition of Hittite Microwave Corporation.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com