Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

683LP6CE Datasheet(PDF) 1 Page - Hittite Microwave Corporation

Part # 683LP6CE
Description  HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 0.7 - 1.0 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

683LP6CE Datasheet(HTML) 1 Page - Hittite Microwave Corporation

  683LP6CE Datasheet HTML 1Page - Hittite Microwave Corporation 683LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation 683LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation 683LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation 683LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation 683LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation 683LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation 683LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation 683LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
9
9 - 1
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC683LP6C / 683LP6CE
HIGH IP3 DUAL CHANNEL
DOWNCONVERTER w/ LO SWITCH, 0.7 - 1.0 GHz
v02.0808
General Description
Features
Functional Diagram
Electrical Specifications, T
A = +25 °C, IF - 100 MHz, LO = 0 dBm
Vcc1, 2 = Vcc_BAL1, 2 = Vcc_AMP1, 2 [1] = Vcc_IF1P, N = Vcc_IF2P, N = +5V, BIAS1, 2 = +2.5V
Typical Applications
Parameter
min.
typ.
max.
Units
Frequency range, rF
700 - 1000
mHz
Frequency range, Lo
570 - 900
mHz
Frequency range, iF
60 - 500
mHz
conversion Gain
5
7.5
dB
noise Figure (ssB)
11
dB
Lo to rF isolation
10
16
dB
Lo to iF isolation
15
20
dB
rF to iF isolation
19
28
dB
iP3 (input)
23
dBm
1 dB compression (input)
11
dBm
channel to channel isolation
50
dB
Lo Drive input Level (typical)
-3 to +3
dBm
supply current (icc)
420
520
mA
[1] see Application circuit
[2] Unless otherwise noted all measurements with low side Lo & iF = 100 mHz.
the Hmc683LP6c(e) is ideal for:
• cellular/3G & Lte/wimAx/4G
• Basestations & repeaters
• Gsm, cDmA & oFDm
• Dual Density receivers
the Hmc683LP6c(e) is a high linearity, dual channel
downconverter with integrated Lo amplifier in a 6x6
smt QFn package covering 0.7 - 1.0 GHz. excellent
input iP3 performance of +23 dBm for down conversion
is provided for 3G & 4G Gsm/cDmA applications at
an Lo drive of 0 dBm. with an input 1 dB compression
of +11 dBm, the rF port will accept a wide range of
input signal levels. conversion gain is 7.5 dB typical.
the 60 - 500 mHz iF frequency response will satisfy
various Gsm/cDmA receive frequency plans.
High input iP3: +23 dBm
conversion Gain: 7.5 dB
Low Lo Drive: 0 dBm
High channel isolation
40 Lead 6x6mm smt Package: 36mm2


Similar Part No. - 683LP6CE

ManufacturerPart #DatasheetDescription
logo
Illinois Capacitor, Inc...
683LKP010M ILLINOISCAPACITOR-683LKP010M Datasheet
412Kb / 6P
85째C Screw Terminal Aluminum Electrolytic Capacitors
683LKP016M ILLINOISCAPACITOR-683LKP016M Datasheet
412Kb / 6P
85째C Screw Terminal Aluminum Electrolytic Capacitors
683LKP025M ILLINOISCAPACITOR-683LKP025M Datasheet
412Kb / 6P
85째C Screw Terminal Aluminum Electrolytic Capacitors
683LKP035M ILLINOISCAPACITOR-683LKP035M Datasheet
412Kb / 6P
85째C Screw Terminal Aluminum Electrolytic Capacitors
683LKP050M ILLINOISCAPACITOR-683LKP050M Datasheet
412Kb / 6P
85째C Screw Terminal Aluminum Electrolytic Capacitors
More results

Similar Description - 683LP6CE

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC377QS16G HITTITE-HMC377QS16G Datasheet
298Kb / 8P
CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC381LP6 HITTITE-HMC381LP6 Datasheet
328Kb / 8P
HIGH IP3 RFIC DUAL DOWNCONVERTER, 1.7 - 2.2 GHz
HMC420QS16 HITTITE-HMC420QS16 Datasheet
329Kb / 8P
CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
HMC377QS16G HITTITE-HMC377QS16G_08 Datasheet
270Kb / 8P
CELLULAR HIGH IP3 RFIC DOWNCONVERTER, 0.8 - 1.0 GHz
HMC420QS16 HITTITE-HMC420QS16_10 Datasheet
829Kb / 8P
CELLULAR RFIC DOWNCONVERTER, 0.7 - 1.0 GHz
HMC682LP6C HITTITE-HMC682LP6C Datasheet
890Kb / 10P
HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 1.7 - 2.2 GHz
HMC990LP4E HITTITE-HMC990LP4E Datasheet
2Mb / 24P
BROADBAND HIGH IP3 DUAL CHANNEL DOWNCONVERTER
logo
TriQuint Semiconductor
ML483 TRIQUINT-ML483_15 Datasheet
322Kb / 8P
0.7 ??1.4 GHz High IP3 Mixer with Integrated LO Amp
TQP569022 TRIQUINT-TQP569022_15 Datasheet
721Kb / 15P
1.7-2.2 GHz High IP3 Dual Channel Downconverter
logo
Analog Devices
HMC1190ALP6NE AD-HMC1190ALP6NE Datasheet
3Mb / 63P
BROADBAND HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ Fractional-N PLL & VCO, 0.7 - 3.8 GHz
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com