Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

683LP6CE Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # 683LP6CE
Description  HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 0.7 - 1.0 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

683LP6CE Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  683LP6CE Datasheet HTML 1Page - Hittite Microwave Corporation 683LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation 683LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation 683LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation 683LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation 683LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation 683LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation 683LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation 683LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
9
9 - 5
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC683LP6C / 683LP6CE
v02.0808
HIGH IP3 DUAL CHANNEL
DOWNCONVERTER w/ LO SWITCH, 0.7 - 1.0 GHz
eLectrostAtic sensitive Device
oBserve HAnDLinG PrecAUtions
Absolute Maximum Ratings
rF / iF input (vcc= +5v)
+15 dBm
Lo Drive (vcc= +5v)
+6 dBm
vcc (Lo or iF)
5.5v
channel temperature
12.5°c
continuous Pdiss (t = 85°c)
(derate 110.53 mw/°c above 85°c)
4.42 w
thermal resistance
(channel to ground paddle)
9.05 °c/w
storage temperature
-65 to 150°c
operating temperature
-40 to +85 °c
Harmonics of LO
MxN Spurious @ IF Port
nLo
mrF
0
1
2
3
4
0
xx
23
16
22
28
1
34
0
38
16
45
2
55
50
56
59
82
3
88
57
82
63
88
4
93
94
92
94
94
rF Freq. = 0.9 GHz @ -5 dBm
Lo Freq. = 0.8 GHz @ 0 dBm
All values in dBc below iF power level (1rF - 1Lo).
nLo spur @ rF Port
Lo Freq. (GHz)
1
2
3
4
0.6
17
33
36
37
0.7
15
25
34
39
0.8
17
24
33
30
0.9
20
26
35
25
1.0
21
28
41
54
1.1
23
29
53
57
Lo = 0 dBm
All values in dBc below input Lo level measured at rF port.
Truth Table
Lo_seL (v)
Lo signal Path
0
Lo1
5
Lo2
Typical Supply Current vs. Vcc
vcc
icc (A)
4.75
390
5.00
420
5.25
450
Downconverter will operate over full voltage range shown above.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com