Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

683LP6CE Datasheet(PDF) 4 Page - Hittite Microwave Corporation

Part # 683LP6CE
Description  HIGH IP3 DUAL CHANNEL DOWNCONVERTER w/ LO SWITCH, 0.7 - 1.0 GHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

683LP6CE Datasheet(HTML) 4 Page - Hittite Microwave Corporation

  683LP6CE Datasheet HTML 1Page - Hittite Microwave Corporation 683LP6CE Datasheet HTML 2Page - Hittite Microwave Corporation 683LP6CE Datasheet HTML 3Page - Hittite Microwave Corporation 683LP6CE Datasheet HTML 4Page - Hittite Microwave Corporation 683LP6CE Datasheet HTML 5Page - Hittite Microwave Corporation 683LP6CE Datasheet HTML 6Page - Hittite Microwave Corporation 683LP6CE Datasheet HTML 7Page - Hittite Microwave Corporation 683LP6CE Datasheet HTML 8Page - Hittite Microwave Corporation 683LP6CE Datasheet HTML 9Page - Hittite Microwave Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
9
9 - 4
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
HMC683LP6C / 683LP6CE
v02.0808
HIGH IP3 DUAL CHANNEL
DOWNCONVERTER w/ LO SWITCH, 0.7 - 1.0 GHz
+2RF -2LO Response vs. LO Drive [3]
+2RF -2LO Response vs. Temperature [3]
+3RF -3LO Response vs. LO Drive [3]
+3RF -3LO Response vs. Temperature [3]
50
55
60
65
70
75
80
0.6
0.7
0.8
0.9
1
1.1
-3 dBm
0 dBm
+3 dBm
FREQUENCY (GHz)
40
45
50
55
60
0.6
0.7
0.8
0.9
1
1.1
-3 dBm
0 dBm
+3 dBm
FREQUENCY (GHz)
40
45
50
55
60
0.6
0.7
0.8
0.9
1
1.1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
50
55
60
65
70
75
80
0.6
0.7
0.8
0.9
1
1.1
+25 C
+85 C
-40 C
FREQUENCY (GHz)
[1] referenced to rF input Power @ 0 dBm



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com