Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC68220 Datasheet (PDF) - Micrel Semiconductor

MIC68220 Datasheet PDF - Micrel Semiconductor
Part # MIC68220
Download  MIC68220 Download
File Size   1028.12 Kbytes
Page   17 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual 2A LDO Regulator

MIC68220 Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC68220 Datasheet PDF - Micrel Semiconductor

Part # MIC68220
Download  MIC68220 Click to download

File Size   1028.12 Kbytes
Page   17 Pages
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor
Description Dual 2A LDO Regulator

MIC68220 Datasheet (HTML) - Micrel Semiconductor




Similar Part No. - MIC68220

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC68220 MICREL-MIC68220 Datasheet
1Mb / 18P
Dual 2A LDO Regulator
MIC68220YML MICREL-MIC68220YML Datasheet
1Mb / 18P
Dual 2A LDO Regulator
More results


Similar Description - MIC68220

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC68220 MICREL-MIC68220 Datasheet
1Mb / 18P
Dual 2A LDO Regulator
logo
Maxim Integrated Produc...
MAX15022 MAXIM-MAX15022 Datasheet
336Kb / 27P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
Rev 0; 5/08
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132 Datasheet
126Kb / 2P
2A CMOS LDO Regulator
logo
Maxim Integrated Produc...
MAX15022 MAXIM-MAX15022_11 Datasheet
317Kb / 28P
Dual, 4A/2A, 4MHz, Step-Down DC-DC Regulator with Dual LDO Controllers
ev 1; 7/11
logo
Rohm
BD00D0AWHFP ROHM-BD00D0AWHFP_11 Datasheet
357Kb / 12P
2A Standard Variable Output LDO Regulator
logo
BCD Semiconductor Manuf...
AP2132 BCDSEMI-AP2132_10 Datasheet
669Kb / 13P
2A CMOS LDO Regulator
AP2132B BCDSEMI-AP2132B Datasheet
667Kb / 13P
2A CMOS LDO REGULATOR
logo
Maxim Integrated Produc...
MAX38909 MAXIM-MAX38909 Datasheet
1Mb / 20P
2A High-Performance nMOS LDO Linear Regulator
19-100950; Rev 1; 11/20
logo
Diodes Incorporated
AP2132 DIODES-AP2132 Datasheet
527Kb / 12P
2A CMOS LDO REGULATOR
Rev. 3 - 2 October 2019
AP2132B DIODES-AP2132B Datasheet
566Kb / 11P
2A CMOS LDO REGULATOR
Rev. 1 - 2 July 2018
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com