Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

5N80 Datasheet (PDF) - Unisonic Technologies

5N80 Datasheet PDF - Unisonic Technologies
Part # 5N80
Download  5N80 Download
File Size   178.37 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 5A, 800V N-CHANNEL POWER MOSFET

5N80 Datasheet (PDF)

Go To PDF Page Download Datasheet
5N80 Datasheet PDF - Unisonic Technologies

Part # 5N80
Download  5N80 Click to download

File Size   178.37 Kbytes
Page   5 Pages
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies
Description 5A, 800V N-CHANNEL POWER MOSFET

5N80 Datasheet (HTML) - Unisonic Technologies




Similar Part No. - 5N80

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
5N80 UTC-5N80 Datasheet
171Kb / 5P
5 Amps, 800 Volts N-CHANNEL POWER MOSFET
logo
Inchange Semiconductor ...
5N80 ISC-5N80 Datasheet
65Kb / 2P
Fast Switching Speed
5N80 ISC-5N80 Datasheet
320Kb / 2P
isc N-Channel MOSFET Transistor
logo
Unisonic Technologies
5N80G-TA3-T UTC-5N80G-TA3-T Datasheet
171Kb / 5P
5 Amps, 800 Volts N-CHANNEL POWER MOSFET
5N80G-TA3-T UTC-5N80G-TA3-T Datasheet
248Kb / 7P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
More results


Similar Description - 5N80

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB5NB80 STMICROELECTRONICS-STB5NB80 Datasheet
87Kb / 8P
N - CHANNEL 800V - 1.8ohm - 5A -D2PAK PowerMESH] MOSFET
Mar-1999
logo
Unisonic Technologies
10N80 UTC-10N80 Datasheet
199Kb / 6P
800V N-CHANNEL POWER MOSFET
logo
Taiwan Semiconductor Co...
TSM3N80 TSC-TSM3N80 Datasheet
526Kb / 12P
800V N-Channel Power MOSFET
TSM8N80 TSC-TSM8N80 Datasheet
406Kb / 10P
800V N-Channel Power MOSFET
TSM3N80 TSC-TSM3N80_13 Datasheet
573Kb / 12P
800V N-Channel Power MOSFET
TSM10N80 TSC-TSM10N80 Datasheet
497Kb / 10P
800V N-Channel Power MOSFET
logo
Rohm
R8005ANJ ROHM-R8005ANJ Datasheet
995Kb / 14P
Nch 800V 5A Power MOSFET
logo
Taiwan Semiconductor Co...
TSM10N80 TSC-TSM10N80_14 Datasheet
417Kb / 8P
800V N-Channel Power MOSFET
logo
Rohm
R8005ANX ROHM-R8005ANX Datasheet
901Kb / 15P
Nch 800V 5A Power MOSFET
R8005ANJFRG ROHM-R8005ANJFRG Datasheet
1Mb / 14P
Nch 800V 5A Power MOSFET
More results




About Unisonic Technologies


Unisonic Technologies is a Taiwanese semiconductor company that specializes in the design, manufacture, and sales of power management and analog integrated circuits (ICs). The company was founded in 1980 and has a global presence, with offices and facilities in Asia, Europe, and the Americas.

Unisonic Technologies provides a wide range of products and solutions, including power management ICs, linear voltage regulators, and motor control ICs. The company's products are used in a variety of applications, including consumer electronics, automotive, industrial, and telecommunications. Unisonic Technologies is known for its expertise in power management technology and its ability to provide high-performance and cost-effective solutions to its customers.

In recent years, Unisonic Technologies has expanded its product portfolio and offerings to include solutions for the Internet of Things (IoT) and smart energy markets. The company is committed to innovation and research and development and is actively involved in the development of new technologies and solutions for the semiconductor industry. Unisonic Technologies is a recognized leader in the power management and analog ICs market and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com