Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV321 Datasheet (PDF) - Cadeka Microcircuits LLC.

LMV321 Datasheet PDF - Cadeka Microcircuits LLC.
Part # LMV321
Download  LMV321 Download
File Size   1826.76 Kbytes
Page   15 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers

LMV321 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMV321 Datasheet PDF - Cadeka Microcircuits LLC.

Part # LMV321
Download  LMV321 Click to download

File Size   1826.76 Kbytes
Page   15 Pages
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.
Description General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers

LMV321 Datasheet (HTML) - Cadeka Microcircuits LLC.


LMV321 Product details

General Description
The LMV321 is a single channel, low cost, voltage feedback amplifi er. The LMV321 consumes only 130μA of supply current and is designed to operate from a supply range of 2.7V to 5.5V (±1.35 to ±2.75). The input voltage range extends 200mV below the negative rail and 800mV below the positive rail.

FEATURES
■ 130μA supply current
■ 1MHz gain bandwidth
■ Input voltage range with 5V supply: -0.2V to 4.2V
■ Output voltage range with 5V supply: 0.065V to 4.99V
■ >1V/μs slew rate
■ No crossover distortion
■ Fully specifi ed at 2.7V and 5V supplies
■ LMV321: Pb-free TSOT-5

APPLICATIONS
■ Portable/battery-powered applications
■ Mobile communications, cell phones, pagers
■ ADC buffer
■ Active fi lters
■ Portable test instruments
■ Signal conditioning
■ Medical Equipment
■ Portable medical instrumentation




Similar Part No. - LMV321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Fairchild Semiconductor
LMV321 FAIRCHILD-LMV321 Datasheet
515Kb / 16P
General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321 Datasheet
792Kb / 31P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
928Kb / 32P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LMV321 STMICROELECTRONICS-LMV321 Datasheet
199Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
More results


Similar Description - LMV321

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6078 LINER-LTC6078 Datasheet
331Kb / 20P
Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
LTC6081 LINER-LTC6081 Datasheet
226Kb / 20P
Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
LTC6084 LINER-LTC6084 Datasheet
240Kb / 16P
Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
LTC6087 LINER-LTC6087 Datasheet
1Mb / 16P
Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
LTC6405 LINER-LTC6405 Datasheet
286Kb / 24P
2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406_15 Datasheet
330Kb / 24P
3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
logo
Exar Corporation
CLC1020 EXAR-CLC1020 Datasheet
2Mb / 14P
General Purpose, Rail to Rail Output Amplifier Rail to Rail Amplifiers
LMV321 EXAR-LMV321 Datasheet
1Mb / 15P
General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
logo
Unisonic Technologies
L6132 UTC-L6132_17 Datasheet
471Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL VOLTAGE, RAIL-TO-RAIL AMPLIFIERS
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com