Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV321 Datasheet(PDF) 9 Page - Cadeka Microcircuits LLC.

Part # LMV321
Description  General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

LMV321 Datasheet(HTML) 9 Page - Cadeka Microcircuits LLC.

Back Button LMV321 Datasheet HTML 5Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 6Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 7Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 8Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 9Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 10Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 11Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 12Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 13Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
Data Sheet
©2009-2012 CADEKA Microcircuits, LLC
www.cadeka.com
9
Typical Performance Characteristics at +5V - Continued
TA = 25°C, VS = +5V, Rf = Rg =10k, RL = 10k to VS/2, G = 2; unless otherwise noted.
















3+$6(
5
/
N
5
/
N
5
/

*$,1













)UHTXHQF\ 0+]
*$,1
9
6
9



9
6
9
9
6
9






)UHTXHQF\ N+]
















3+$6(
5
/
N
5
/
N
5
/

*$,1













)UHTXHQF\ 0+]
*$,1
9
6
9
















*$,1
ƒ&
ƒ&
ƒ&
3+$6(
*$,1
ƒ&
ƒ&
ƒ&
3+$6(













)UHTXHQF\ 0+]
9V
9
5/
.
9
6
9
5
/
N


















3+$6(
&
/
S)
&
/
S)
&
/
S)
*$,1
&
/
S)














)UHTXHQF\ 0+]
9
6
9
5
/



















3+$6(
&
/
S)
&
S)
&
/
S)
*$,1
&
/
S)














)UHTXHQF\ 0+]
&
/
S)
9
6
9
5
/
N
Gain and Phase vs. Capacitive Load RL=600
Non-Inverting Small Signal Pulse Response
Non-Inverting Small Signal Pulse Response
Non-Inverting Small Signal Pulse Response
Non-Inverting Small Signal Pulse Response
Open Loop Frequency Response vs. Temperature
Open Loop Frequency Response 5V
Open Loop Frequency Response +2.7V
Open Loop Output Impedance vs. Frequency
Gain and Phase vs. Capacitive Load RL=100k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com