Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV321 Datasheet(PDF) 5 Page - Cadeka Microcircuits LLC.

Part # LMV321
Description  General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

LMV321 Datasheet(HTML) 5 Page - Cadeka Microcircuits LLC.

  LMV321 Datasheet HTML 1Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 2Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 3Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 4Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 5Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 6Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 7Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 8Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
Data Sheet
©2009-2012 CADEKA Microcircuits, LLC
www.cadeka.com
5
Electrical Characteristics at +5V
TA = 25°C, VS = +5V, Rf = Rg =10k, RL = 10k to VS/2, G = 2; unless otherwise noted. Boldface limits apply at the
temperature extremes.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
DC Performance
VIO
Input Offset Voltage
1.7
7
9
mV
dVIO
Average Drift
5
µV/°C
Ib
Input Bias Current
<1
250
500
nA
IOS
Input Offset Current
<1
50
150
nA
CMRR
Common Mode Rejection Ratio
0V ≤ VCM ≤ 4V
50
65
dB
PSRR
Power Supply Rejection Ratio
2.7V ≤ V+ ≤ 5V, VO=1V, VCM=1V
50
60
dB
CMIR
Common Mode Input Range
For VCM ≤ 50 dB
0
-0.2
V
4.2
4
V
AOL
Open-Loop Gain
RL = 2k
15
10
100
V/mV
VOUT
Output Voltage Swing
RL = 2k to VS / 2
V+ -300
V+ -400
V+ -40
mV
120
300
400
mV
RL = 10k to VS / 2
V+ -100
V+ -200
V+ -10
mV
65
180
280
mV
ISC
Short Circuit Output Current
Sourcing VO=0V
5
60
mA
Sinking VO=5V
10
160
mA
IS
Supply Current
130
250
350
A
AC Performance
SR
Slew Rate
>1
V/µs
GBWP
Gain Bandwidth Product
C
L=200 pF
1
MHz
Φm
Phase Margin
60
°
Gm
Gain Margin
10
dB
en
Input Voltage Noise
f = 1kHz
39
nV/√Hz
Notes:
Min max specifications are guaranteed by testing, design, or characterization



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com