Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMV321 Datasheet(PDF) 1 Page - Cadeka Microcircuits LLC.

Part # LMV321
Description  General Purpose, Rail-to-Rail Output Amplifi er Rail-to-Rail Amplifi ers
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CADEKA [Cadeka Microcircuits LLC.]
Direct Link  http://www.cadeka.com
Logo CADEKA - Cadeka Microcircuits LLC.

LMV321 Datasheet(HTML) 1 Page - Cadeka Microcircuits LLC.

  LMV321 Datasheet HTML 1Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 2Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 3Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 4Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 5Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 6Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 7Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 8Page - Cadeka Microcircuits LLC. LMV321 Datasheet HTML 9Page - Cadeka Microcircuits LLC. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
Data Sheet
©2009-2012 CADEKA Microcircuits, LLC
www.cadeka.com
LMV321
General Purpose, Rail-to-Rail Output Amplifier
Rail-to-Rail Amplifiers
F E A T U R E S
130A supply current
1MHz gain bandwidth
Input voltage range with 5V supply:
-0.2V to 4.2V
Output voltage range with 5V supply:
0.065V to 4.99V
>1V/s slew rate
No crossover distortion
Fully specified at 2.7V and 5V supplies
LMV321: Pb-free TSOT-5
A P P L I C A T I O N S
Portable/battery-powered applications
Mobile communications, cell phones,
pagers
ADC buffer
Active filters
Portable test instruments
Signal conditioning
Medical Equipment
Portable medical instrumentation
General Description
The LMV321 is a single channel, low cost, voltage feedback amplifier. The
LMV321 consumes only 130A of supply current and is designed to operate
from a supply range of 2.7V to 5.5V (±1.35 to ±2.75). The input voltage
range extends 200mV below the negative rail and 800mV below the positive
rail.
The LMV321 is fabricated on a CMOS process. It offers 1MHz gain bandwidth
product and >1V/ s slew rate. The combination of low power, low supply
voltage operation, and rail-to-rail performance make the LMV321 well suited
for battery-powered systems. The LMV321 is packaged in the space saving
TSOT-5 package. TSOT-5 package is pin compatible with the SOT23-5
package.
Typical Performance Examples
Ordering Information
Part Number
Package
Pb-Free
RoHS Compliant
Operating Temperature Range
Packaging Method
LMV321IST5X*
TSOT-5
Yes
Yes
-40°C to +85°C
Reel
Moisture sensitivity level for all parts is MSL-1. *Advance Information, contact CADEKA for availability.








9
6
9












9
&0 9








5LVLQJ (GJH
)DOOLQJ (GJH










6XSSO\ 9ROWDJH 9
$
9
5
/
N
s
s
Vout vs. Vcm
Slew Rate vs. Supply Voltage


Similar Part No. - LMV321

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMV321 NSC-LMV321 Datasheet
1Mb / 27P
General Purpose, Low Voltage, Rail-to-Rail Output Operational Amplifiers
logo
Fairchild Semiconductor
LMV321 FAIRCHILD-LMV321 Datasheet
515Kb / 16P
General Purpose, Low Voltage, Rail-to-Rail Output Amplifiers
logo
Texas Instruments
LMV321 TI-LMV321 Datasheet
792Kb / 31P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
LMV321 TI-LMV321 Datasheet
928Kb / 32P
LOW-VOLTAGE RAIL-TO-RAIL OUTPUT OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LMV321 STMICROELECTRONICS-LMV321 Datasheet
199Kb / 14P
Low cost low power input/output rail-to-rail operational amplifiers
20-Feb-2008
More results

Similar Description - LMV321

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC6078 LINER-LTC6078 Datasheet
331Kb / 20P
Micropower Precision, Dual/Quad CMOS Rail-to-Rail Input/Output Amplifi ers
LTC6081 LINER-LTC6081 Datasheet
226Kb / 20P
Precision Dual/Quad CMOS Rail-to-Rail Input/ Output Amplifi ers
LTC6084 LINER-LTC6084 Datasheet
240Kb / 16P
Dual/Quad 1.5MHz, Rail-to-Rail, CMOS Amplifi ers
LTC6087 LINER-LTC6087 Datasheet
1Mb / 16P
Dual/Quad 14MHz, Rail-to-Rail CMOS Amplifi ers
LTC6405 LINER-LTC6405 Datasheet
286Kb / 24P
2.7GHz, 5V, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406 Datasheet
271Kb / 24P
3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
LTC6406 LINER-LTC6406_15 Datasheet
330Kb / 24P
3GHz, Low Noise, Rail-to-Rail Input Differential Amplifi er/Driver
logo
Exar Corporation
CLC1020 EXAR-CLC1020 Datasheet
2Mb / 14P
General Purpose, Rail to Rail Output Amplifier Rail to Rail Amplifiers
LMV321 EXAR-LMV321 Datasheet
1Mb / 15P
General Purpose, Rail-to-Rail Output Amplifier Rail-to-Rail Amplifiers
logo
Unisonic Technologies
L6132 UTC-L6132_17 Datasheet
471Kb / 12P
GENERAL PURPOSE, LOW VOLTAGE, RAIL-TO-RAIL VOLTAGE, RAIL-TO-RAIL AMPLIFIERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com