Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6828EK Datasheet (PDF) - Sipex Corporation

SP6828EK Datasheet PDF - Sipex Corporation
Part # SP6828EK
Download  SP6828EK Download
File Size   258.1 Kbytes
Page   17 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3V Low Power Voltage Inverters

SP6828EK Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6828EK Datasheet PDF - Sipex Corporation

Part # SP6828EK
Download  SP6828EK Click to download

File Size   258.1 Kbytes
Page   17 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description 3V Low Power Voltage Inverters

SP6828EK Datasheet (HTML) - Sipex Corporation


SP6828EK Product details

DESCRIPTION

The SP6828/6829 devices are CMOS Charge Pump Voltage Inverters that can be implemented in designs requiring a negative voltage from a +3V battery source. The SP6828/6829 devices are ideal for both battery-powered and board level voltage conversion applications with a typical operating current of 20µA for the SP6828 and 40µA for the SP6829. Both devices can output 25mA with a voltage drop of 500mV. These devices combine a low quiescent current with high efficiency (>95% over most of its load-current range),  which is ideal for designs using +3.3V or +3.6V lithium ion batteries. Applications include cell phones, PDAs,

medical instruments and other portable equipment. The SP6828/6829 devices are available in a space-saving 5-pin SOT23 Package.



■ 99.9% Voltage Conversion Efficiency

■ +1.15V to +4.2V Input Voltage Range

■ +1.15 VIN Guaranteed Start-up

■ Inverts Input Supply Voltage

■ 20µA Quiescent Current for the SP6828

■ 40µA Quiescent Current for the SP6829

■ 25mA Output Current

■ 12kHz Operating Frequency for the SP6828

■ 35kHz Operating Frequency for the SP6829

■ Ideal for +3.6V Lithium Ion Battery Applications

■ Reverse +3.6V Lithium Ion Battery Protection

■ 5-pin SOT23 Package




Similar Part No. - SP6828EK

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6828EK SIPEX-SP6828EK Datasheet
258Kb / 17P
3V Low Power Voltage Inverters
SP6828EK/TR SIPEX-SP6828EK/TR Datasheet
258Kb / 17P
3V Low Power Voltage Inverters
More results


Similar Description - SP6828EK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS3V555 STMICROELECTRONICS-TS3V555 Datasheet
74Kb / 8P
3V LOW POWER SINGLE TIMERS
Oct-1997
TS3V556 STMICROELECTRONICS-TS3V556 Datasheet
63Kb / 8P
3V LOW POWER DUAL TIMERS
May-2000
logo
Linear Technology
LTC1550 LINER-LTC1550 Datasheet
319Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550L LINER-LTC1550L Datasheet
271Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
logo
Sipex Corporation
SP6828 SIPEX-SP6828 Datasheet
258Kb / 17P
3V Low Power Voltage Inverters
SP6830 SIPEX-SP6830 Datasheet
208Kb / 16P
Low Power Voltage Inverters With Shutdown
logo
Linear Technology
LTC1550L LINER-LTC1550L_15 Datasheet
248Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551L LINER-LTC1551L_15 Datasheet
248Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1550 LINER-LTC1550_15 Datasheet
298Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
LTC1551 LINER-LTC1551_15 Datasheet
298Kb / 12P
Low Noise, Switched Capacitor Regulated Voltage Inverters
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com