Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6830 Datasheet (PDF) - Sipex Corporation

SP6830 Datasheet PDF - Sipex Corporation
Part # SP6830
Download  SP6830 Download
File Size   208.86 Kbytes
Page   16 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Low Power Voltage Inverters With Shutdown

SP6830 Datasheet (PDF)

Go To PDF Page Download Datasheet
SP6830 Datasheet PDF - Sipex Corporation

Part # SP6830
Download  SP6830 Click to download

File Size   208.86 Kbytes
Page   16 Pages
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation
Description Low Power Voltage Inverters With Shutdown

SP6830 Datasheet (HTML) - Sipex Corporation


SP6830 Product details

DESCRIPTION

The SP6830/6831 devices are CMOS Charge Pump Voltage Inverters that can be implemented into designs which require a negative voltage from a battery voltage source as low as +1.15V or a power supply rail voltage as high as +5.3V. The SP6830/6831 devices are ideal for both battery-powered and board level voltage conversion applications with a typical operating current of 70µA for the SP6830 and 200µA for the SP6831. These devices combine an ultra-low shutdown current of <1µA with high efficiency (>95% over most of its load-current range) which are ideal for designs using batteries such as cell phones, PDAs, medical instruments, and other portable equipment. The SP6830/6831 devices are available in a space-saving 6-pin SOT23-6 Package.



FEATURES

■ 99.9% Voltage Conversion Efficiency

■ +1.15V to +5.3V Input Voltage Range

■ Inverts Input Supply Voltage

■ 70µA Supply Current for the SP6830

■ 200µA Supply Current for the SP6831

■ 35kHz Operating Frequency for the SP6830

■ 120kHz Operating Frequency for the SP6831

■ <1µA Shutdown Current

■ 6-pin SOT23-6 Package

■ Ideal for +3.6V Lithium Ion Battery Applications

■ Reverse +3.6V Lithium Ion Battery Protection

■ 25mA Output Current

■ 19Ω Output Resistance




Similar Part No. - SP6830

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6832 SIPEX-SP6832 Datasheet
212Kb / 15P
High Speed, High Efficiency Voltage Inverter
SP6832 SIPEX-SP6832 Datasheet
212Kb / 15P
High Speed, High Efficiency Voltage Inverter
SP6832EK SIPEX-SP6832EK Datasheet
212Kb / 15P
High Speed, High Efficiency Voltage Inverter
SP6832EK/TR SIPEX-SP6832EK/TR Datasheet
212Kb / 15P
High Speed, High Efficiency Voltage Inverter
logo
SYNC POWER Crop.
SP6837 SYNC-POWER-SP6837 Datasheet
442Kb / 8P
LOW-POWER OFF-LINE PRIMARY SIDE REGULATION CONTROLLER
More results


Similar Description - SP6830

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP6828 SIPEX-SP6828 Datasheet
258Kb / 17P
3V Low Power Voltage Inverters
SPX2700 SIPEX-SPX2700 Datasheet
177Kb / 11P
700mA Low Dropout Voltage Regulators With Shutdown
logo
Maxim Integrated Produc...
MAX1719 MAXIM-MAX1719 Datasheet
568Kb / 8P
SOT23, Switched-Capacitor Voltage Inverters with Shutdown
Rev 2; 4/04
logo
Micro Linear Corporatio...
ML4875 MICRO-LINEAR-ML4875 Datasheet
196Kb / 10P
Low Voltage Boost Regulator with Shutdown
logo
Sipex Corporation
SP6828 SIPEX-SP6828 Datasheet
258Kb / 17P
3V Low Power Voltage Inverters
SPX2945 SIPEX-SPX2945 Datasheet
101Kb / 11P
400mA Low Dropout Voltage Regulator with Shutdown
logo
Global Mixed-mode Techn...
G5931 GMT-G5931 Datasheet
174Kb / 7P
Switched-Capacitor Voltage Inverters with Shutdown
logo
STMicroelectronics
LK112SXX STMICROELECTRONICS-LK112SXX Datasheet
411Kb / 18P
Low noise low drop voltage regulator with shutdown function
11-Dec-2007
logo
MOSA ELECTRONICS
MS6891 MOSA-MS6891 Datasheet
451Kb / 10P
Mono 1.1W Power Amplifier with Shutdown, Low Voltage Operation
logo
Sipex Corporation
SPX2945 SIPEX-SPX2945_06 Datasheet
236Kb / 12P
400mA Low Dropout Voltage Regulator with Shutdown
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com