Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6830 Datasheet(PDF) 9 Page - Sipex Corporation

Part # SP6830
Description  Low Power Voltage Inverters With Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6830 Datasheet(HTML) 9 Page - Sipex Corporation

Back Button SP6830 Datasheet HTML 5Page - Sipex Corporation SP6830 Datasheet HTML 6Page - Sipex Corporation SP6830 Datasheet HTML 7Page - Sipex Corporation SP6830 Datasheet HTML 8Page - Sipex Corporation SP6830 Datasheet HTML 9Page - Sipex Corporation SP6830 Datasheet HTML 10Page - Sipex Corporation SP6830 Datasheet HTML 11Page - Sipex Corporation SP6830 Datasheet HTML 12Page - Sipex Corporation SP6830 Datasheet HTML 13Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
9
Rev. 9-22-00
SP6830/6831 Low Power Voltage Inverters With Shutdown
© Copyright 2000 Sipex Corporation
DESCRIPTION
The SP6830/6831 devices are CMOS Charge
Pump Voltage Converters that can be used to
invert a +1.15V to +5.3V input voltage. These
devices are ideal for designs involving battery-
powered and/or board level voltage conversion
applications.
The typical operating frequency of the SP6830
is 35kHz. The typical operating frequency of
the SP6831 is 120kHz.
The SP6830 has a
typical operating current of 70
µAandtheSP6831
operates at 200
µA. Both devices can output
25mA with a voltage drop of 500mV. The
devices are ideal for LCD panel bias applications,
cellular phones, pagers, PDAs, medical
instruments, and other portable battery-powered
equipment. The SP6830/6831 devices combine
a high efficiency (>95% over most of its load-
current range) with a low quiescent current.
THEORY OF OPERATION
The SP6830/6831 devices should theoretically
produce an inverted input voltage. In real world
applications, there are small voltage drops at the
output that reduce efficiency. The circuit of an
ideal voltage inverter can be found in Figure 18.
The voltage inverters require two external
capacitors to store the charge. A description of
the two phases follows:
Phase 1
In the first phase of the clock cycle, switches S2
and S4 are opened and S1 and S3 closed. This
connects the flying capacitor, C1, from V
IN to
ground. C1 charges up to the input voltage
applied at V
IN.
Phase 2
In the second phase of the clock cycle, switches
S1 and S3 are opened and S2 and S4 are closed.
This connects the flying capacitor, C1, in parallel
with the output capacitor, C2. The charge stored
in C1 is now transferred to C2. Simultaneously,
the negative side of C2 is connected to V
OUT and
the positive side is connected to ground. With
the voltage across C2 smaller than the voltage
across C1, the charge flows from C1 to C2 until
the voltage at the V
OUT equals -VIN.
Charge-Pump Output
The output of the SP6830/6831 devices is not
regulated and therefore is dependent on the
output resistance and the amount of load current.
As the load current increases, losses may slightly
increase at the output and the voltage may become
slightly more positive. The loss at the negative
output, V
LOSS, equals the current draw, IOUT, from
V
OUT
times the negative converter's source
resistance, R
S:
V
LOSS = IOUT x RS.
The actual inverted output voltage at V
OUT will
equal the inverted voltage difference of V
IN and
V
LOSS:
V
OUT = -(VIN - VLOSS).
Efficiency
Theoretically, the total power loss of a switched
capacitor voltage converter can be summed up as
follows:
P
LOSS = PINT + PCAP + PCONV,
where P
LOSS is the total power loss, PINT is the total
internal loss in the IC including any losses in the
MOSFET switches, P
CAP is the resistive loss of
the charge pump capacitors, and P
CONV is the total
Figure 18. Circuit for an Ideal Voltage Inverter
C1
C2
S1
S3
S4
S2
VOUT
VIN
VOUT = -VIN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com