Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6830 Datasheet(PDF) 2 Page - Sipex Corporation

Part # SP6830
Description  Low Power Voltage Inverters With Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6830 Datasheet(HTML) 2 Page - Sipex Corporation

  SP6830 Datasheet HTML 1Page - Sipex Corporation SP6830 Datasheet HTML 2Page - Sipex Corporation SP6830 Datasheet HTML 3Page - Sipex Corporation SP6830 Datasheet HTML 4Page - Sipex Corporation SP6830 Datasheet HTML 5Page - Sipex Corporation SP6830 Datasheet HTML 6Page - Sipex Corporation SP6830 Datasheet HTML 7Page - Sipex Corporation SP6830 Datasheet HTML 8Page - Sipex Corporation SP6830 Datasheet HTML 9Page - Sipex Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
Rev. 9-22-00
SP6830/6831 Low Power Voltage Inverters With Shutdown
© Copyright 2000 Sipex Corporation
SPECIFICATIONS
V
IN = +5V, C1=C2=C3=3.3µF for the SP6830, C1=C2=C3=1µF for the SP6831, and TAMB=-40°C to +85°C unless otherwise noted.
Typical values are
taken specifically at T
AMB=+25°C.
Note 1: Minimum V
IN required for VO = -VIN +0.2V.
Note 2: During the shutdown mode, V
IN is disconnected from VOUT.
Note 3: Capacitors are approximately 20% of the output impedance where ESR =
1
f
OSC x C
.
Note 4: Power Efficiency (Ideal) =
VOUT x IOUT
-VIN x (-VIN/RL)
Note 5: Power Efficiency (Actual) =
VOUT x IOUT
VIN x IIN
ABSOLUTE MAXIMUM RATINGS
These are stress ratings only and functional operation
of the device at these ratings or any other above those
indicated in the operation sections of the specifications
below is not implied. Exposure to absolute maximum
rating conditions for extended periods of time may
affect reliability.
V
IN.........................................................-0.3V to +5.6V
V
OUT......................................................-5.6V to +0.3V
I
OUT......................................................................50mA
Storage Temperature.......................-65OC to +150OC
Lead Temperature (Soldering)..........................300OC
Power Dissipation Per Package
6-pin SOT (derate 4.35mW/OC above +70OC)............400mW
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MS
T
I
N
US
N
O
I
T
I
D
N
O
C
V
,
e
g
n
a
R
e
g
a
t
l
o
V
y
l
p
p
u
S
D
D
5
1
.
13
.
5V
R
L
k
1
=
I
,
t
n
e
r
r
u
C
y
l
p
p
u
S
N
I
V
0
7
0
0
2
0
5
1
0
0
4
µA
0
3
8
6
P
S
1
3
8
6
P
S
e
g
a
t
l
o
V
p
u
-
t
r
a
t
S
d
e
e
t
n
a
r
a
u
G8
.
1V
R
L
k
1
=
1
E
T
O
N
,
e
g
a
t
l
o
V
t
u
p
n
I
n
w
o
d
t
u
h
S
H
G
I
H
W
O
L
5
.
1V
N
I
5
.
0
VV
N
I
V
=
N
I
M
V
o
t
X
A
M
V
N
I
V
=
N
I
M
V
o
t
X
A
M
t
n
e
r
r
u
C
y
l
p
p
u
S
n
w
o
d
t
u
h
S1
.
00
.
1
µA
V
,
D
N
G
=
N
D
H
S
N
I
2
E
T
O
N
,
V
5
=
f
,
y
c
n
e
u
q
e
r
F
r
o
t
a
ll
i
c
s
O
C
S
O
5
.
4
2
0
7
5
3
0
2
1
3
.
6
5
0
0
2
z
H
k
0
3
8
6
P
S
1
3
8
6
P
S
e
c
n
a
t
s
i
s
e
R
t
u
p
t
u
O9
15
4
I
T
U
O
3
E
T
O
N
,
A
m
5
2
o
t
A
m
5
=
y
c
n
e
i
c
i
f
f
E
n
o
i
s
r
e
v
n
o
C
e
g
a
t
l
o
V5
99
.
9
9%
R
L
n
e
p
o
=
)
l
a
e
d
I
(
y
c
n
e
i
c
i
f
f
E
r
e
w
o
P8
9%
R
L
k
1
=
4
E
T
O
N
,
)
l
a
u
t
c
A
(
y
c
n
e
i
c
i
f
f
E
r
e
w
o
P6
9%
R
L
k
1
=
5
E
T
O
N
,



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com