Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP6830 Datasheet(PDF) 13 Page - Sipex Corporation

Part # SP6830
Description  Low Power Voltage Inverters With Shutdown
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIPEX [Sipex Corporation]
Direct Link  http://www.sipex.com
Logo SIPEX - Sipex Corporation

SP6830 Datasheet(HTML) 13 Page - Sipex Corporation

Back Button SP6830 Datasheet HTML 8Page - Sipex Corporation SP6830 Datasheet HTML 9Page - Sipex Corporation SP6830 Datasheet HTML 10Page - Sipex Corporation SP6830 Datasheet HTML 11Page - Sipex Corporation SP6830 Datasheet HTML 12Page - Sipex Corporation SP6830 Datasheet HTML 13Page - Sipex Corporation SP6830 Datasheet HTML 14Page - Sipex Corporation SP6830 Datasheet HTML 15Page - Sipex Corporation SP6830 Datasheet HTML 16Page - Sipex Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
Rev. 9-22-00
SP6830/6831 Low Power Voltage Inverters With Shutdown
© Copyright 2000 Sipex Corporation
Figure 22. Protection for Heavy Loads
When loading the SP6830/6831 devices from IN
to OUT, the input current remains constant
(disregarding any spikes due to internal
switching).
Implementing a 0.1
µF bypass
capacitor should be sufficient.
When loading the SP6830/6831 devices from
OUT to GND, the current from the supply will
switch from twice that of I
OUT and zero amperes.
Designers should implement a large bypass
capacitor (C3 = C1) if the supply has a high AC
impedance.
Voltage Inverter
A designer can find the most common application
for the SP6830/6831 devices in Figure 17 as a
voltage inverter. The only external components
needed are 3 capacitors: the flying capacitor, C1,
the output capacitor, C2, and the bypass capacitor,
C3 (if necessary). This circuit is used to obtain
the Typical Performance Characteristics found
in Figures 2 to 16 (unless otherwise noted).
Connecting in Parallel
A designer can parallel a number of SP6830/
6831 devices to reduce the output resistance for
specific designs. All devices will need their own
flying capacitor, C1, but a single output capacitor
will serve all of the devices connected in parallel
by increasing the capacitance of C2 by a factor of
n where n equals the total number of devices
connected. This connection can be found in
Figure 20.
Cascading Devices
A designer can cascade SP6830/6831 devices to
produce a larger inverted voltage output. Refer
to Figure 21 for this circuit connection. With
two cascaded devices, the unloaded output
voltage is decreased by the output resistance of
the first device multiplied by the quiescent current
of the second device connected. The total output
resistance is greatly increased when more than
two devices are cascaded.
Driving Excessive Loads
The output should never be pulled above ground.
A designer should implement a Schottky diode
(1N5817) from OUT to GND when driving
heavy loads where a higher supply is sourcing
current into OUT. Refer to Figure 22 for this
circuit connection.
Combining a Doubler and Inverter Circuit
A designer can connect a SP6830/6831 device in
a combination doubler/inverter circuit as seen in
Figure 23. The doubler uses C3 and C4 while the
inverter uses capacitors C1 and C2. Loading
either output decreases both output voltages to
GND because both the doubler and the inverter
circuits use the charge pump. Designers should
not allow the total current output from the doubler
and the inverter to exceed 40mA.
Implementing Shutdown
The SP6830/6831 devices are enabled when the
SHDN input pin is driven HIGH and disabled
when driven LOW. This input must be tied to V
IN
or GND to minimize any noise effects due to the
internal switching of these devices. The SHDN
input cannot be driven 0.5V above V
IN without
the possibility of introducing significant current
flows.
Layout and Grounding
Designers should make an effort to minimize
noise by paying special attention to the circuit
layout with the SP6830/6831 devices. External
components should be connected in close
proximity to the device and a ground plane
should be implemented. This will keep electrical
traces short minimizing parasitic inductance and
capacitance.
SP6830
SP6831
1
4
GND
OUT
1N5817



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com