Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST27SF256-70 Datasheet (PDF) - Silicon Storage Technology, Inc

SST27SF256-70 Datasheet PDF - Silicon Storage Technology, Inc
Part # SST27SF256-70
Download  SST27SF256-70 Download
File Size   268.79 Kbytes
Page   26 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash

SST27SF256-70 Datasheet (PDF)

Go To PDF Page Download Datasheet
SST27SF256-70 Datasheet PDF - Silicon Storage Technology, Inc

Part # SST27SF256-70
Download  SST27SF256-70 Click to download

File Size   268.79 Kbytes
Page   26 Pages
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc
Description 256 Kbit / 512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash

SST27SF256-70 Datasheet (HTML) - Silicon Storage Technology, Inc


SST27SF256-70 Product details

PRODUCT DESCRIPTION
The SST27SF256/512/010/020 are a 32K x8 / 64K x8 / 128K x8 / 256K x8 CMOS, Many-Time Programmable (MTP) low cost flash, manufactured with SST’s proprietary, high performance SuperFlash technology. The split-gate cell design and thick oxide tunneling injector attain better reliability and manufacturability compared with alternate approaches. These MTP devices can be electrically erased and programmed at least 1000 times using an external programmer with a 12 volt power supply. They have to be erased prior to programming. These devices conform to JEDEC standard pinouts for byte-wide memories.

FEATURES:
• Organized as 32K x8 / 64K x8 / 128K x8 / 256K x8
• 4.5-5.5V Read Operation
• Superior Reliability
    – Endurance: At least 1000 Cycles
    – Greater than 100 years Data Retention
• Low Power Consumption
    – Active Current: 20 mA (typical)
    – Standby Current: 10 µA (typical)
• Fast Read Access Time
    – 70 ns
    – 90 ns
• Fast Byte-Program Operation
    – Byte-Program Time: 20 µs (typical)
    – Chip Program Time:
        0.7 seconds (typical) for SST27SF256
        1.4 seconds (typical) for SST27SF512
        2.8 seconds (typical) for SST27SF010
        5.6 seconds (typical) for SST27SF020
• Electrical Erase Using Programmer
    – Does not require UV source
    – Chip-Erase Time: 100 ms (typical)
• TTL I/O Compatibility
• JEDEC Standard Byte-wide EPROM Pinouts
• Packages Available
    – 32-pin PLCC
    – 32-pin TSOP (8mm x 14mm)
    – 28-pin PDIP for SST27SF256/512
    - 32-pin PDIP for SST27SF010/020




Similar Part No. - SST27SF256-70

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST27SF010 SST-SST27SF010 Datasheet
326Kb / 23P
512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF010-70-3C-NH SST-SST27SF010-70-3C-NH Datasheet
326Kb / 23P
512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF010-70-3C-NHE SST-SST27SF010-70-3C-NHE Datasheet
326Kb / 23P
512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF010-70-3C-PH SST-SST27SF010-70-3C-PH Datasheet
326Kb / 23P
512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27SF010-70-3C-PHE SST-SST27SF010-70-3C-PHE Datasheet
326Kb / 23P
512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
More results


Similar Description - SST27SF256-70

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST29SF512 SST-SST29SF512 Datasheet
290Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Small-Sector Flash
SST37VF512 SST-SST37VF512 Datasheet
165Kb / 16P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST39LF512 SST-SST39LF512 Datasheet
284Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST39SF512 SST-SST39SF512 Datasheet
269Kb / 22P
512 Kbit / 1 Mbit (x8) Multi-Purpose Flash
SST45VF512 SST-SST45VF512 Datasheet
170Kb / 16P
512 Kbit / 1 Mbit / 2 Mbit Serial Flash
SST39LF512 SST-SST39LF512_06 Datasheet
454Kb / 25P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
SST37VF512 SST-SST37VF512_06 Datasheet
215Kb / 18P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Many-Time Programmable Flash
SST27SF512 SST-SST27SF512_05 Datasheet
326Kb / 23P
512 Kbit / 1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST27VF010 SST-SST27VF010 Datasheet
586Kb / 18P
1 Mbit / 2 Mbit (x8) Many-Time Programmable Flash
SST39LF512 SST-SST39LF512_10 Datasheet
640Kb / 24P
512 Kbit / 1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
More results




About Silicon Storage Technology, Inc


Silicon Storage Technology, Inc. (SST) was an American technology company that specialized in the design and manufacture of non-volatile memory solutions, including flash memory and microcontrollers.
The company was founded in 1991 and had its headquarters in Sunnyvale, California.
SST was known for its innovative technology and high-quality products, and it had a strong reputation in the memory and storage industry.
In 2010, SST was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
Today, SST operates as a subsidiary of Microchip and continues to provide non-volatile memory solutions for a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com