Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA64 Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

MA64 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # MA64
Download  MA64 Download
File Size   402.02 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description VOLTAGE RANGE: 28-45 V

MA64 Datasheet (PDF)

Go To PDF Page Download Datasheet
MA64 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MA64
Download  MA64 Click to download

File Size   402.02 Kbytes
Page   2 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description VOLTAGE RANGE: 28-45 V

MA64 Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd




Similar Part No. - MA64

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
MA64 CONNOR-WINFIELD-MA64 Datasheet
54Kb / 1P
8 PIN DIP ACMOS
logo
Extech Instruments Corp...
MA640 EXTECH-MA640 Datasheet
306Kb / 12P
600Amp AC/DC True RMS Clamp Meter
MA640-K EXTECH-MA640-K Datasheet
597Kb / 1P
Phase Rotation/Clamp Meter Test Kit
MA640 EXTECH-MA640_15 Datasheet
352Kb / 1P
600A True RMS Clamp Meters NCV
logo
Murata Manufacturing Co...
MA64101BAN MURATA-MA64101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results


Similar Description - MA64

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR3045CS RECTRON-SR3045CS Datasheet
198Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 45 Volts CURRENT 30 Amperes
logo
SeCoS Halbleitertechnol...
SM1645D1 SECOS-SM1645D1 Datasheet
372Kb / 2P
VOLTAGE 45 V 16Amps Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
DB3 BILIN-DB3_03 Datasheet
323Kb / 2P
SILICON BIDIRECTIONAL DIACS VOLTAGE RANGE: 28-45 V
logo
Texas Instruments
TPS7A4201 TI1-TPS7A4201 Datasheet
740Kb / 19P
28-V Input Voltage, 50-mA Voltage Regulator
logo
Meder Electronic
2280814440 MEDER-2280814440 Datasheet
329Kb / 2P
RH <45 %, 100 V test voltage
logo
Texas Instruments
PT6653E TI-PT6653E Datasheet
351Kb / 16P
Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
logo
M/A-COM Technology Solu...
NPT1015B MA-COM-NPT1015B Datasheet
1Mb / 12P
GaN Wideband Transistor 28 V, 45 W DC - 3.5 GHz
logo
Sangdest Microelectroni...
SMCJ200CA SMC-SMCJ200CA Datasheet
199Kb / 5P
Breakdown voltage range: 220 V
logo
ETAL Group
2-5000 ETAL-2-5000 Datasheet
282Kb / 4P
Voltage rating AC 250 V; DC 28 V
logo
STMicroelectronics
ST16045 STMICROELECTRONICS-ST16045 Datasheet
23Mb / 13P
45 W, 28 V, 0.7 to 1.7 GHz RF Power LDMOS transistor
18-Mar-2021
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com