Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MA64 Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MA64
Description  VOLTAGE RANGE: 28-45 V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MA64 Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MA64 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MA64 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ABSOLUTE RATINGS
Power dissipation on printed
TA=50oC circuit (L=10mm)
Pc
mW
Repetitive peak on-state
tp=20 S
current
f=120Hz
ITRM
A
Operating junction temperature
TJ
oC
Storage temperature
TSTG
oC
Min
28
Typ
32
Max
36
Output voltage (NOTE 1)
Vo
Min
V
Breakover current (NOTE 1)
IBO
Max
A
Rise time (NOTE 1)
tr
Typ
S
Leakage current (NOTE 1)
IR
Max
A
2.Connected in parallel w ith the devices
NOTE: 1.Electrical characteristics applicable in both forw ard and reverse dirctions.
5.0
5.0
100.0
1.5
V
R=0.5 VBO
See FIG.1
10.0
C=22nf(NOTE 2)
Breakover voltage (NOTE 1)
Breakover voltage symmetry
Dynamic breakover voltage (NOTE 1)
VBO
UNITS
150.0
I+VBO I-
I-VBOI
I± VI
C=22nf(NOTE 2)
See FIG.1
I=(IBO to IF=10mA)
See FIG.1
V
V
±3.0
V
Parameters
Symbols
UNITS
MA64
VOLTAGE RANGE: 28-45 V
The three layer,two termnal,axial lead,hermetically
1111sealed diacs are designed specifically for triggering
1111thyristors.They demonstrate low breakover current at
1111breakover voltage as they withstand peak pulse
1111current,The breakover symmetry is within three
1111volts(MA64). These diacs are intended for use in
CCCthyrisitors phase control,circuits for lamp dimming,
FFFI universal motor speed control,and heat control.
Parameters
See FIG.3
2.0
-40--- +125
C=22nf(NOTE 2)
See FIG.1
ELECTRICAL CHARACTERISTICS
Test Conditions
-40--- +125
MA64
See FIG.2
Max
Min
MA64
Silicon Bidirectional Diacs
DO-35
Dimensions in inches and (millimeters)
Features


Similar Part No. - MA64

ManufacturerPart #DatasheetDescription
logo
Connor-Winfield Corpora...
MA64 CONNOR-WINFIELD-MA64 Datasheet
54Kb / 1P
8 PIN DIP ACMOS
logo
Extech Instruments Corp...
MA640 EXTECH-MA640 Datasheet
306Kb / 12P
600Amp AC/DC True RMS Clamp Meter
MA640-K EXTECH-MA640-K Datasheet
597Kb / 1P
Phase Rotation/Clamp Meter Test Kit
MA640 EXTECH-MA640_15 Datasheet
352Kb / 1P
600A True RMS Clamp Meters NCV
logo
Murata Manufacturing Co...
MA64101BAN MURATA-MA64101BAN Datasheet
240Kb / 6P
HIGH FREQUENCY CERAMIC CAPACITORS
More results

Similar Description - MA64

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
SR3045CS RECTRON-SR3045CS Datasheet
198Kb / 3P
SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 45 Volts CURRENT 30 Amperes
logo
SeCoS Halbleitertechnol...
SM1645D1 SECOS-SM1645D1 Datasheet
372Kb / 2P
VOLTAGE 45 V 16Amps Schottky Barrier Rectifiers
logo
Galaxy Semi-Conductor H...
DB3 BILIN-DB3_03 Datasheet
323Kb / 2P
SILICON BIDIRECTIONAL DIACS VOLTAGE RANGE: 28-45 V
logo
Texas Instruments
TPS7A4201 TI1-TPS7A4201 Datasheet
740Kb / 19P
28-V Input Voltage, 50-mA Voltage Regulator
logo
Meder Electronic
2280814440 MEDER-2280814440 Datasheet
329Kb / 2P
RH <45 %, 100 V test voltage
logo
Texas Instruments
PT6653E TI-PT6653E Datasheet
351Kb / 16P
Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
logo
M/A-COM Technology Solu...
NPT1015B MA-COM-NPT1015B Datasheet
1Mb / 12P
GaN Wideband Transistor 28 V, 45 W DC - 3.5 GHz
logo
Sangdest Microelectroni...
SMCJ200CA SMC-SMCJ200CA Datasheet
199Kb / 5P
Breakdown voltage range: 220 V
logo
ETAL Group
2-5000 ETAL-2-5000 Datasheet
282Kb / 4P
Voltage rating AC 250 V; DC 28 V
logo
STMicroelectronics
ST16045 STMICROELECTRONICS-ST16045 Datasheet
23Mb / 13P
45 W, 28 V, 0.7 to 1.7 GHz RF Power LDMOS transistor
18-Mar-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com