Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4239 Datasheet (PDF) - OSRAM GmbH

SFH4239 Datasheet PDF - OSRAM GmbH
Part # SFH4239
Download  SFH4239 Download
File Size   164.79 Kbytes
Page   9 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung

SFH4239 Datasheet (PDF)

Go To PDF Page Download Datasheet
SFH4239 Datasheet PDF - OSRAM GmbH

Part # SFH4239
Download  SFH4239 Click to download

File Size   164.79 Kbytes
Page   9 Pages
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH
Description IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung

SFH4239 Datasheet (HTML) - OSRAM GmbH


SFH4239 Product details

Features
• max. DC-current 1 A
• Low thermal resistance (9 K/W)
• Center of spectral emission at 940 nm
• ESD safe up to 2 kV acc. to JESD22-A114-E
• Superior Corrosion Robustness (see chapter package outlines)

Applications
• Infrared Illumination for cameras
• Surveillance systems
• Driver assistance systems
• Machine vision systems




Similar Part No. - SFH4239

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4230 OSRAM-SFH4230 Datasheet
226Kb / 8P
High Power Infrared Emitter (850 nm)
SFH4231 OSRAM-SFH4231 Datasheet
226Kb / 8P
High Power Infrared Emitter (940 nm)
SFH4232 OSRAM-SFH4232 Datasheet
273Kb / 8P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4232 OSRAM-SFH4232 Datasheet
416Kb / 13P
High Power Infrared Emitter
SFH4232A OSRAM-SFH4232A Datasheet
307Kb / 12P
High Power Infrared Emitter (850 nm)
More results


Similar Description - SFH4239

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH4056 OSRAM-SFH4056 Datasheet
193Kb / 10P
IR-Lumineszenzdiode (850 nm) mit hoher Ausgangsleistung
SFH4233 OSRAM-SFH4233 Datasheet
161Kb / 9P
IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
SFH4240 OSRAM-SFH4240 Datasheet
157Kb / 10P
IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
SFH4243 OSRAM-SFH4243 Datasheet
154Kb / 10P
IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
SFH4244 OSRAM-SFH4244 Datasheet
155Kb / 10P
IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
SFH4547 OSRAM-SFH4547 Datasheet
167Kb / 7P
IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
SFH4246 OSRAM-SFH4246 Datasheet
197Kb / 9P
IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
SFH-4246 OSRAM-SFH-4246 Datasheet
197Kb / 9P
IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
SFH-4045 OSRAM-SFH-4045 Datasheet
346Kb / 8P
IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
SFH-4231 OSRAM-SFH-4231 Datasheet
268Kb / 8P
IR-Lumineszenzdiode (940 nm) mit hoher Ausgangsleistung
More results




About OSRAM GmbH


OSRAM GmbH is a leading global lighting technology company based in Munich, Germany.
It was established in 1919 and offers a wide range of lighting solutions for various industries such as automotive, entertainment, architecture, and general lighting.
OSRAM's products include traditional light bulbs, LED lamps, electronic control gear, and digital lighting systems.
The company operates globally, with a presence in over 140 countries and employs over 26,000 people worldwide.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com