Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSBCD01B Datasheet (PDF) - STMicroelectronics

STUSBCD01B Datasheet PDF - STMicroelectronics
Part # STUSBCD01B
Download  STUSBCD01B Download
File Size   460.26 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description USB charger detection interface

STUSBCD01B Datasheet (PDF)

Go To PDF Page Download Datasheet
STUSBCD01B Datasheet PDF - STMicroelectronics

Part # STUSBCD01B
Download  STUSBCD01B Click to download

File Size   460.26 Kbytes
Page   19 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description USB charger detection interface

STUSBCD01B Datasheet (HTML) - STMicroelectronics


STUSBCD01B Product details

Description
The STUSBCD01B is a USB charger detection IC which can detect dedicated USB chargers, Host/Hub chargers or standard host ports connected to the USB DP/DM data lines.
The device implements two different detection methods in order to be able to distinguish between a dedicated charger and a Host/Hub charger.
Operation is controlled through three general purpose I/O pins; a hardware open drain detection output is also available.
An internal regulator provides the 1.8 V supply voltage for the internal blocks and state machine while a clamping device prevents VBUS voltage from going over 6 V (typ.).
The STUSBCD01B is available in a 12 bumps Flip-Chip 0.4 mm pitch package.

Features
■ Capable of detecting dedicated USB chargers and host chargers (current sink and dedicated methods)
■ Operates with VBAT supply voltage ranging from 2.2 V to 4.5 V
■ Active high open drain hardware detection pin (DETECT)
■ GPIO control interface
■ 1.6 V - 2.8 V interface voltage range (VIO)
■ VBUS voltage 6 V clamping circuit
■ Low DP-DM input capacitance
■ ESD: HBM ± 2 kV, CDM 500 V on every pin
■ 12 bumps Flip-Chip package, 1.6 x1.2 mm, pitch 0.4 mm, max thickness 0.60 mm, Halogen free RoHS compliant package

Applications
■ Mobile phones
■ PDAs, MP3 players




Similar Part No. - STUSBCD01B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STUSB02E STMICROELECTRONICS-STUSB02E Datasheet
480Kb / 20P
USB Transceiver
19-Oct-2005
STUSB02E STMICROELECTRONICS-STUSB02E Datasheet
363Kb / 20P
USB Transceiver
14-Mar-2007
STUSB02EQR STMICROELECTRONICS-STUSB02EQR Datasheet
480Kb / 20P
USB Transceiver
19-Oct-2005
STUSB02EQR STMICROELECTRONICS-STUSB02EQR Datasheet
363Kb / 20P
USB Transceiver
14-Mar-2007
STUSB02E STMICROELECTRONICS-STUSB02E_07 Datasheet
363Kb / 20P
USB Transceiver
14-Mar-2007
More results


Similar Description - STUSBCD01B

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN3989 FAIRCHILD-FAN3989 Datasheet
1Mb / 10P
USB/Charger Detection Device with Load Switch
logo
Freescale Semiconductor...
MC13883 FREESCALE-MC13883_10 Datasheet
997Kb / 64P
Integrated Charger USB Interface
logo
Maxim Integrated Produc...
MAX14656 MAXIM-MAX14656 Datasheet
422Kb / 3P
USB Charger Detection with Integrated Overvoltage Protector
Rev 0; 12/12
logo
Fairchild Semiconductor
FAN3988 FAIRCHILD-FAN3988 Datasheet
780Kb / 9P
USB/Charger and Over-Voltage Detection Device
logo
ON Semiconductor
FAN3988 ONSEMI-FAN3988 Datasheet
644Kb / 8P
USB/Charger and Over-Voltage Detection Device
September-2017,Rev.2
FAN3989 ONSEMI-FAN3989 Datasheet
629Kb / 14P
USB/Charger Detection Device with Load Switch
February 2011 Rev. 1.0.8
logo
Maxim Integrated Produc...
MAX14592E MAXIM-MAX14592E Datasheet
1Mb / 26P
USB Charger Detection with Integrated Overvoltage Protector
Rev 2 3/12
MAX20332 MAXIM-MAX20332_V01 Datasheet
1Mb / 27P
USB Charger Detection with Integrated Overvoltage Protector
2018
MAX14646E MAXIM-MAX14646E Datasheet
1Mb / 26P
USB Charger Detection with Integrated Overvoltage Protector
2012
logo
Diodes Incorporated
PI3USB9281 DIODES-PI3USB9281 Datasheet
404Kb / 13P
USB 2.0 Port Protection with Charger Detection
04/28/14
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com