Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSBCD01B Datasheet(PDF) 10 Page - STMicroelectronics

Part # STUSBCD01B
Description  USB charger detection interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSBCD01B Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STUSBCD01B Datasheet HTML 6Page - STMicroelectronics STUSBCD01B Datasheet HTML 7Page - STMicroelectronics STUSBCD01B Datasheet HTML 8Page - STMicroelectronics STUSBCD01B Datasheet HTML 9Page - STMicroelectronics STUSBCD01B Datasheet HTML 10Page - STMicroelectronics STUSBCD01B Datasheet HTML 11Page - STMicroelectronics STUSBCD01B Datasheet HTML 12Page - STMicroelectronics STUSBCD01B Datasheet HTML 13Page - STMicroelectronics STUSBCD01B Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
Electrical characteristics
STUSBCD01B
10/19
6
Electrical characteristics
Note:
1
Specification applies to the following pins: /OE, SHUTDOWN, STATUS/METHOD
2
Specification applies to DEFAULT METHOD pin.
Table 8.
DC electrical characteristics (power supply and digital I/O pins) (1)
(VBAT = 4.2 V, TA = 25°C, specifications over temperature, -40 to 85 °C)
1.
Characterized specification(s), but not production tested.
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
1V8V
LDO regulated voltage output
VBUS > VTH_VBUS, VBAT = 2.2V to
4.5V
1.76
1.8
1.84
V
IBAT
VBAT supply current
VBAT = 2.2 to 4.5V; Standby mode
20
µA
VBAT = 2.2 to 4.5V; Detection
1
mA
IIO
VIO supply current
STATUS/METHOD=”open”
5
µA
VTH_IO VIO detection threshold voltage
1
V
VIL
Low level input voltage
(Note 1)
VIO = 1.6 to 2.8V
0.15 VIO
V
VIH
High level input voltage
(Note 1)
VIO = 1.6 to 2.8V
0.85 VIO
V
VILDM
Low level input voltage
(Note 2)
0.15 VBAT
V
VIHDM
High level input voltage
(Note 2)
0.85
VBAT
V
IIL
Low level input leakage
(SHUTDOWN, /OE)
VIO = 1.6 to 2.8V, all inputs at GND
±5
µA
IIH
High level input leakage
(SHUTDOWN, /OE)
VIO = 1.6 to 2.8V, all inputs at VIO
±5
µA
VOL
Low level output voltage
(STATUS)
IOL = +10µA, VIO = 1.8V
0
100
mV
VOH
High level output voltage
(STATUS)
IOH = -10µA, VIO = 1.8V
1.7
1.8
V
CIN
Input capacitance (Note 1)4
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com