Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSBCD01B Datasheet(PDF) 13 Page - STMicroelectronics

Part # STUSBCD01B
Description  USB charger detection interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSBCD01B Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STUSBCD01B Datasheet HTML 9Page - STMicroelectronics STUSBCD01B Datasheet HTML 10Page - STMicroelectronics STUSBCD01B Datasheet HTML 11Page - STMicroelectronics STUSBCD01B Datasheet HTML 12Page - STMicroelectronics STUSBCD01B Datasheet HTML 13Page - STMicroelectronics STUSBCD01B Datasheet HTML 14Page - STMicroelectronics STUSBCD01B Datasheet HTML 15Page - STMicroelectronics STUSBCD01B Datasheet HTML 16Page - STMicroelectronics STUSBCD01B Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
STUSBCD01B
Timing diagrams
13/19
Figure 5.
Dedicated charger detection method (with charger connected)
V
BUS+
I
DCH_SRC
Applied to DP
V
BUS
V
BUS-
T
VBUS_DBNC
I
DAT_SINK
Applied to DM
DETECT
15-30
µA
50-100
µA
T
VBUS_DBNC
145ms < T
VBUS_DET_DC < 248ms
DP
T
D_IDAT_SINK
DM
T
IDAT_SINK_ON
T
IDCH_SRC_ON
V
BUS+
I
DCH_SRC
Applied to DP
V
BUS
V
BUS-
T
VBUS_DBNC
I
DAT_SINK
Applied to DM
DETECT
15-30
µA
50-100
µA
T
VBUS_DBNC
145ms < T
VBUS_DET_DC < 248ms
DP
T
D_IDAT_SINK
DM
T
IDAT_SINK_ON
T
IDCH_SRC_ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com