Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSBCD01B Datasheet(PDF) 4 Page - STMicroelectronics

Part # STUSBCD01B
Description  USB charger detection interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSBCD01B Datasheet(HTML) 4 Page - STMicroelectronics

  STUSBCD01B Datasheet HTML 1Page - STMicroelectronics STUSBCD01B Datasheet HTML 2Page - STMicroelectronics STUSBCD01B Datasheet HTML 3Page - STMicroelectronics STUSBCD01B Datasheet HTML 4Page - STMicroelectronics STUSBCD01B Datasheet HTML 5Page - STMicroelectronics STUSBCD01B Datasheet HTML 6Page - STMicroelectronics STUSBCD01B Datasheet HTML 7Page - STMicroelectronics STUSBCD01B Datasheet HTML 8Page - STMicroelectronics STUSBCD01B Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pin configuration
STUSBCD01B
4/19
2
Pin configuration
Figure 2.
Bump configuration (top through view)
Table 2.
Pin description
Bump
name
Symbol
Type
Description
C3
VBAT
PWR
Analog supply voltage input (2.2 V - 4.5 V)
C2
GND
PWR
Ground reference
A3
VIO
PWR
Digital interface supply voltage (1.6 V - 2.8 V)
B4
DP
AI/O
Connected to USB D+ Data line
A4
DM
AI/O
Connected to USB D- Data line
B2
DETECT
O
Hardware detection pin (open drain). 300 k
Ω internal pull-down resistor. VBAT
referred.
A2
SHUTDOWN
I
Standby mode selection pin. Active HIGH. Terminates the detection and resets
the device.
A1
/OE
I
Output enable for DETECT output. Active LOW.
B1
STATUS/
METHOD
AI/O
SW detection output: High when Charger detected. Pulled high or low through
internal weak pull-up to 1V8V and weak pull-down.
Detection method selection input: low for dedicated method, high for current sink
method.
B3
DEFAULT
METHOD
AI
Hardware selection for detection method. Active only if VIO is not present.
Dedicated method is selected if driven low, current sink method if driven high.
VBAT referred. Do not leave floating to avoid increased power consumption.
C4
VBUS
AI
VBUS voltage comparator input. Triggers the charger detection. 6V limited voltage
when 10 V are applied externally.
C1
1V8V
O
Regulator output voltage. Bypass capacitor not required.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com