Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSBCD01B Datasheet(PDF) 12 Page - STMicroelectronics

Part # STUSBCD01B
Description  USB charger detection interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSBCD01B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STUSBCD01B Datasheet HTML 8Page - STMicroelectronics STUSBCD01B Datasheet HTML 9Page - STMicroelectronics STUSBCD01B Datasheet HTML 10Page - STMicroelectronics STUSBCD01B Datasheet HTML 11Page - STMicroelectronics STUSBCD01B Datasheet HTML 12Page - STMicroelectronics STUSBCD01B Datasheet HTML 13Page - STMicroelectronics STUSBCD01B Datasheet HTML 14Page - STMicroelectronics STUSBCD01B Datasheet HTML 15Page - STMicroelectronics STUSBCD01B Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
Timing diagrams
STUSBCD01B
12/19
7
Timing diagrams
Figure 4.
Current sink method (with charger connected)
<20ms
V
BUS+
V
DAT_SRC
Applied to DP
V
BUS
V
BUS-
T
VBUS_DBNC
I
DAT_SINK
Applied to DM
V
DAT_DET
DETECT
T
DM_SRC_EN
0.615-0.7V
50-100
µA
T
DPSRC_HICRNT
5ms
>100ms
T
DP_SRC_ON
>40ms
T
CHGR_DET_DBNC
>20ms
T
VBUS_DBNC
5ms
150ms < T
VBUS_DET_CS < 270ms
DM_SRC
Either returned V
DAT_SRC if
dedicated charger or applied
V
DAT_SRC by HOST charger
<20ms
T
DM_SRC_DIS
V
DAT_DET (comparator
output, see Functional
Diagram) must be high
for >20ms for charger
detection to be valid
T
D_VDAT
5ms
<20ms
V
BUS+
V
DAT_SRC
Applied to DP
V
BUS
V
BUS-
T
VBUS_DBNC
I
DAT_SINK
Applied to DM
V
DAT_DET
DETECT
T
DM_SRC_EN
0.615-0.7V
50-100
µA
T
DPSRC_HICRNT
5ms
>100ms
T
DP_SRC_ON
>40ms
T
CHGR_DET_DBNC
>20ms
T
VBUS_DBNC
5ms
150ms < T
VBUS_DET_CS < 270ms
DM_SRC
Either returned V
DAT_SRC if
dedicated charger or applied
V
DAT_SRC by HOST charger
<20ms
T
DM_SRC_DIS
V
DAT_DET (comparator
output, see Functional
Diagram) must be high
for >20ms for charger
detection to be valid
T
D_VDAT
5ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com