Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STUSBCD01B Datasheet(PDF) 6 Page - STMicroelectronics

Part # STUSBCD01B
Description  USB charger detection interface
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STUSBCD01B Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STUSBCD01B Datasheet HTML 2Page - STMicroelectronics STUSBCD01B Datasheet HTML 3Page - STMicroelectronics STUSBCD01B Datasheet HTML 4Page - STMicroelectronics STUSBCD01B Datasheet HTML 5Page - STMicroelectronics STUSBCD01B Datasheet HTML 6Page - STMicroelectronics STUSBCD01B Datasheet HTML 7Page - STMicroelectronics STUSBCD01B Datasheet HTML 8Page - STMicroelectronics STUSBCD01B Datasheet HTML 9Page - STMicroelectronics STUSBCD01B Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 19 page
background image
Functional description
STUSBCD01B
6/19
3.4
Detection triggering
USB Charger detection automatically starts when VBUS voltage is over VTH_VBUS threshold
and shutdown input is low.
If VBUS drops under VTH_VBUS threshold or shutdown input is pulled high, the charger
detection is immediately terminated.
If no charger is detected (DETECT = 0 and /OE = 0), VBUS voltage is kept over VTH_VBUS
threshold and VIO is not present then a new detection is started every 1 s.
If a charger is detected, detect and status pins are kept high until VBUS drops under
VTH_VBUS threshold or a new detection is started.
Any hardware detection (VIO not present) is terminated as soon as VIO voltage rises above
VTH_IO threshold.
3.5
VBUS clamping
The STUSBCD01B features a built in over voltage protection circuit which prevents VBUS
voltage from going over 6 V. The device is able to withstand continuous voltages of up to
10 V applied to VBUS pin through an external resistor; in this case the clamping circuit limits
the voltage to 6 V within 1 µs. A 470
Ω resistor in series between VBUS voltage and VBUS pin
is required. Any external device needing VBUS over-voltage protection must be connected to
STUSBCD01B's VBUS pin.
Minimum input resistance for VBUS pin in normal operating conditions (up to ~ 5.3 V) is
400 k
Ω.
3.6
Internal regulator
The STUSBCD01B has an internal regulator which outputs 1.8 V (nominal) to supply
internal blocks. The regulator does not require any bypass capacitor for stability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com