Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXR702F080 Datasheet (PDF) - Sony Corporation

CXR702F080 Datasheet PDF - Sony Corporation
Part # CXR702F080
Download  CXR702F080 Download
File Size   298.3 Kbytes
Page   32 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 32-bit Single Chip Microcomputer

CXR702F080 Datasheet (PDF)

Go To PDF Page Download Datasheet
CXR702F080 Datasheet PDF - Sony Corporation

Part # CXR702F080
Download  CXR702F080 Click to download

File Size   298.3 Kbytes
Page   32 Pages
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation
Description CMOS 32-bit Single Chip Microcomputer

CXR702F080 Datasheet (HTML) - Sony Corporation


CXR702F080 Product details

Description
The CXR702F080 is a CMOS 32-bit microcomputer integrating on a single chip an A/D converter, serial interface, timer, bus interface unit, DMA controller, memory stick interface, and as well as basic configurations like a 32-bit RISC CPU, ROM, RAM, and I/O port.
This also provides the idle/sleep/stop functions that enable lower power consumption.

Features
• CPU SR11 series 32-bit RISC CPU core
• Minimum instruction cycle 54.3ns (fSRC: 18.432MHz) 30.5µs (fTEX: 32.768kHz)
• Incorporated FLASH EEPROM 256K bytes
• Incorporated RAM 16K bytes
• Peripheral functions
    — Bus interface unit
    — DMA controller 4 channels
    — A/D converter 8-bit 4-analog input, successive approximation system
    — Serial interface Clock synchronization, 2 channels Clock synchronization, 1 channel (Incorporated 64-byte buffer RAM) Asynchronization, 2 channels
    — Timers 8-bit timer, 8 channels 16-bit capture timer, 3 channels 8-bit time-base timer Clock prescaler 16-bit watchdog timer
    — Memory stick interface
    — Beep output circuit
    — External interruption 11 channels (polarity selection and both edge detection possible)
• Standby mode Idle/sleep/stop
• Package 176-pin plastic LFLGA




Similar Part No. - CXR702F080

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXR702080 SONY-CXR702080 Datasheet
302Kb / 32P
CMOS 32-bit Single Chip Microcomputer
More results


Similar Description - CXR702F080

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M32000D3FP MITSUBISHI-M32000D3FP Datasheet
565Kb / 45P
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER???
M32000D4BFP-80 MITSUBISHI-M32000D4BFP-80 Datasheet
448Kb / 44P
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER????
M32171F4VFP MITSUBISHI-M32171F4VFP Datasheet
375Kb / 37P
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER??????
M32000D4 MITSUBISHI-M32000D4 Datasheet
535Kb / 45P
SINGLE CHIP 32 BIT CMOS MICROCOMPUTER
32170 MITSUBISHI-32170 Datasheet
571Kb / 49P
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
32C80 RENESAS-32C80 Datasheet
542Kb / 60P
SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C84 RENESAS-32C84 Datasheet
760Kb / 89P
SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXR702080 SONY-CXR702080 Datasheet
302Kb / 32P
CMOS 32-bit Single Chip Microcomputer
CXR704060 SONY-CXR704060 Datasheet
426Kb / 45P
CMOS 32-bit Single Chip Microcomputer
logo
Epson Company
S1C33401 EPSON-S1C33401 Datasheet
219Kb / 12P
CMOS 32-bit Single Chip Microcomputer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com