Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXR702F080 Datasheet(PDF) 1 Page - Sony Corporation

Part # CXR702F080
Description  CMOS 32-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXR702F080 Datasheet(HTML) 1 Page - Sony Corporation

  CXR702F080 Datasheet HTML 1Page - Sony Corporation CXR702F080 Datasheet HTML 2Page - Sony Corporation CXR702F080 Datasheet HTML 3Page - Sony Corporation CXR702F080 Datasheet HTML 4Page - Sony Corporation CXR702F080 Datasheet HTML 5Page - Sony Corporation CXR702F080 Datasheet HTML 6Page - Sony Corporation CXR702F080 Datasheet HTML 7Page - Sony Corporation CXR702F080 Datasheet HTML 8Page - Sony Corporation CXR702F080 Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
– 1 –
E01739
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
CXR702F080
176 pin LFLGA (Plastic)
CMOS 32-bit Single Chip Microcomputer
Description
The CXR702F080 is a CMOS 32-bit microcomputer
integrating on a single chip an A/D converter, serial
interface, timer, bus interface unit, DMA controller,
memory stick interface, and as well as basic
configurations like a 32-bit RISC CPU, ROM, RAM,
and I/O port.
This also provides the idle/sleep/stop functions that
enable lower power consumption.
Features
• CPU
SR11 series 32-bit RISC CPU core
• Minimum instruction cycle
54.3ns (fSRC: 18.432MHz)
30.5µs (fTEX: 32.768kHz)
• Incorporated FLASH EEPROM
256K bytes
• Incorporated RAM
16K bytes
• Peripheral functions
— Bus interface unit
— DMA controller
4 channels
— A/D converter
8-bit 4-analog input, successive approximation system
— Serial interface
Clock synchronization, 2 channels
Clock synchronization, 1 channel (Incorporated 64-byte buffer RAM)
Asynchronization, 2 channels
— Timers
8-bit timer, 8 channels
16-bit capture timer, 3 channels
8-bit time-base timer
Clock prescaler
16-bit watchdog timer
— Memory stick interface
— Beep output circuit
— External interruption
11 channels (polarity selection and both edge detection possible)
• Standby mode
Idle/sleep/stop
• Package
176-pin plastic LFLGA
Structure
Silicon gate CMOS IC


Similar Part No. - CXR702F080

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXR702080 SONY-CXR702080 Datasheet
302Kb / 32P
CMOS 32-bit Single Chip Microcomputer
More results

Similar Description - CXR702F080

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M32000D3FP MITSUBISHI-M32000D3FP Datasheet
565Kb / 45P
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER???
M32000D4BFP-80 MITSUBISHI-M32000D4BFP-80 Datasheet
448Kb / 44P
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER????
M32171F4VFP MITSUBISHI-M32171F4VFP Datasheet
375Kb / 37P
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER??????
M32000D4 MITSUBISHI-M32000D4 Datasheet
535Kb / 45P
SINGLE CHIP 32 BIT CMOS MICROCOMPUTER
32170 MITSUBISHI-32170 Datasheet
571Kb / 49P
SINGLE-CHIP 32-BIT CMOS MICROCOMPUTER
logo
Renesas Technology Corp
32C80 RENESAS-32C80 Datasheet
542Kb / 60P
SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
32C84 RENESAS-32C84 Datasheet
760Kb / 89P
SINGLE-CHIP 16/32-BIT CMOS MICROCOMPUTER
logo
Sony Corporation
CXR702080 SONY-CXR702080 Datasheet
302Kb / 32P
CMOS 32-bit Single Chip Microcomputer
CXR704060 SONY-CXR704060 Datasheet
426Kb / 45P
CMOS 32-bit Single Chip Microcomputer
logo
Epson Company
S1C33401 EPSON-S1C33401 Datasheet
219Kb / 12P
CMOS 32-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com