Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXR702F080 Datasheet(PDF) 7 Page - Sony Corporation

Part # CXR702F080
Description  CMOS 32-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXR702F080 Datasheet(HTML) 7 Page - Sony Corporation

Back Button CXR702F080 Datasheet HTML 3Page - Sony Corporation CXR702F080 Datasheet HTML 4Page - Sony Corporation CXR702F080 Datasheet HTML 5Page - Sony Corporation CXR702F080 Datasheet HTML 6Page - Sony Corporation CXR702F080 Datasheet HTML 7Page - Sony Corporation CXR702F080 Datasheet HTML 8Page - Sony Corporation CXR702F080 Datasheet HTML 9Page - Sony Corporation CXR702F080 Datasheet HTML 10Page - Sony Corporation CXR702F080 Datasheet HTML 11Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
– 7 –
CXR702F080
Symbol
PH0/TxD0
PH1/RxD0
PH2/TxD1
PH3/RxD1
PI0/MD0
to PI7/MD7
PJ0/D0
to PJ7/D7
PK0/D8
to PK7/D15
A1 to A8
MA18/A0
MA1/A9
to MA8/A16
PL0/MA9/A17
to PL6/MA15/
A23
MA0
MA16, MA17
AN0
PM0/AN1
to PM2/AN3
I/O
I/O / Output
I/O / Input
I/O / Output
I/O / Input
I/O / I/O
I/O / I/O
I/O / I/O
Output
Output / Output
Output / Output
I/O / Output /
Output
Output
Output
Input
Input / Input
Functios
(Port H)
4-bit I/O port.
I/O can be specified in
1-bit units.
Pull-up resistor can be
incorporated through
program in 1-bit units.
(4 pins)
(Port I)
8-bit I/O port.
I/O can be specified in
1-bit units.
Pull-up resistor can be
incorporated through
program in 1-bit units.
(8 pins)
(Port J)
8-bit I/O port.
I/O can be specified in
1-bit units.
Pull-up resistor can be
incorporated through
program in 1-bit units.
(8 pins)
(Port K)
8-bit I/O port.
I/O can be specified in
1-bit units.
Pull-up resistor can be
incorporated through
program in 1-bit units.
(8 pins)
(Port L)
7-bit I/O port.
I/O can be specified in
1-bit units.
Pull-up resistor can be
incorporated through
program in 1-bit units.
(7 pins)
(Port M)
3-bit input port.
(3-pins)
UART (CH0) transmit data output.
UART (CH0) receive data input.
UART (CH1) transmit data output.
UART (CH1) receive data input.
Data bus for external M bus.
(8 pins)
Data bus for external S bus.
(16 pins)
Address bus output for
external M bus
(19 pins)
Analog input to A/D converter.
(4 pins)
Address bus output for
external S bus.
(24 pins)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com