Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXR702F080 Datasheet(PDF) 8 Page - Sony Corporation

Part # CXR702F080
Description  CMOS 32-bit Single Chip Microcomputer
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONY [Sony Corporation]
Direct Link  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXR702F080 Datasheet(HTML) 8 Page - Sony Corporation

Back Button CXR702F080 Datasheet HTML 4Page - Sony Corporation CXR702F080 Datasheet HTML 5Page - Sony Corporation CXR702F080 Datasheet HTML 6Page - Sony Corporation CXR702F080 Datasheet HTML 7Page - Sony Corporation CXR702F080 Datasheet HTML 8Page - Sony Corporation CXR702F080 Datasheet HTML 9Page - Sony Corporation CXR702F080 Datasheet HTML 10Page - Sony Corporation CXR702F080 Datasheet HTML 11Page - Sony Corporation CXR702F080 Datasheet HTML 12Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
– 8 –
CXR702F080
Symbol
PN0/SCK0
PN1/SO0
PN2/SI0
PN3/SCS0/
INT8
PN4/SCK1
PN5/SO1
PN6/SI1
PN7/SCS1/
INT9
PO0/SCK2
PO1/SO2
PO2/SI2
PO3/SCS2
CS0, CS1
RD
LWR/LB
UWR/UB
MRD
MWE/WE
MCS0
DACK0
DREQ0
DACK1
DREQ1
MSDIR
MSBS
MSSCLK
MSDIO
MSINS
TEST0
TEST1
TEST2
TDI
I/O
I/O / I/O
I/O / Output
I/O / Input
I/O / Input /
Input
I/O / I/O
I/O / Output
I/O / Input
I/O / Input /
Input
I/O / I/O
I/O / Output
I/O / Input
I/O / Input
Output
Output
Output / Output
Output / Output
Output
Output / Output
Output
Output
Input
Output
Input
Output
Output
Output
I/O
Input
Input
Input
Input
Input
Functios
(Port N)
8-bit I/O port.
I/O can be specified in
1-bit units.
Pull-up resistor can be
incorporated through
program in 1-bit units.
(8 pins)
(Port O)
4-bit I/O port.
I/O can be specified in
1-bit units.
Pull-up resistor can be
incorporated through
program in 1-bit units.
(4 pins)
Chip select output for external S bus.
(2 pins)
Read signal output for external S bus.
Write strobe signal output for D0 to
D7.
Write strobe signal output for D8 to
D15.
Read signal output for external M bus.
Write signal output for external M bus.
Chip select output for external M bus.
Transfer request acknowledge signal output from DMA controller (CH0).
Transfer request input to DMA controller (CH0).
Transfer request acknowledge signal output from DMA controller (CH1).
Transfer request input to DMA controller (CH1).
Memory stick interface data I/O direction monitor.
Memory stick interface bus state output.
Memory stick interface clock output.
Memory stick interface data I/O direction monitor.
Memory stick interface card detection.
Test. (Connect to Vss.)
Data input for JTAG boundary scanning test.
Serial clock (CH0) I/O.
Serial data (CH0) output.
Serial data (CH0) input.
Serial chip select (CH0)
External interruption
input.
request input.
Serial clock (CH1) I/O.
Serial data (CH1) output.
Serial data (CH1) input.
Serial chip select (CH1)
External interruption
input.
request input.
Serial clock (CH2) I/O.
Serial data (CH2) output.
Serial data (CH2) input.
Serial chip select (CH2) input.
Strobe signal output indicates
access to D0 to D7.
Strobe signal output indicates
access to D8 to D15.
Write signal output for external S bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com