Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945 Datasheet (PDF) - Wolfson Microelectronics plc

WM8945 Datasheet PDF - Wolfson Microelectronics plc
Part # WM8945
Download  WM8945 Download
File Size   1604.96 Kbytes
Page   169 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Mono Low-Power CODEC with Video Buffer and Touch Panel Controller

WM8945 Datasheet (PDF)

Go To PDF Page Download Datasheet
WM8945 Datasheet PDF - Wolfson Microelectronics plc

Part # WM8945
Download  WM8945 Click to download

File Size   1604.96 Kbytes
Page   169 Pages
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc
Description Mono Low-Power CODEC with Video Buffer and Touch Panel Controller

WM8945 Datasheet (HTML) - Wolfson Microelectronics plc


WM8945 Product details

DESCRIPTION

The WM8945 is a highly integrated low power hi-fi CODEC designed for portable devices such as digital still cameras.

Up to 4 analogue inputs may be connected; a digital microphone interface is also provided. Flexible output mixing options support single-ended and differential configurations, with outputs derived from the digital audio paths or from analogue bypass paths. Mono line output and mono BTL headphone/speaker drive is supported.



FEATURES

Hi-fi audio CODEC

-  94dB SNR during ADC recording (‘A’ weighted)

-  96dB SNR during DAC playback (‘A’ weighted)

4 analogue audio inputs

Integrated bias reference for electret microphones

Digital microphone interface

Powerful digital mixing / DSP functions:

- 5-notch filters

-  5-band equalizer (EQ)

-  ReTune™ parametric filter

-  Dynamic range control and noise gate

- Low-pass/High-pass filters

-  Direct Form 1 (DF1) programmable digital filter

Digital beep generator

Mono line output

Mono BTL headphone/speaker output driver

I2S digital audio interface - sample rates 8kHz to 48kHz

Frequency Locked Loop (FLL) frequency conversion / filter

Video buffer function

4-wire Touch Panel interface controller

Auxiliary ADC for DC measurement or battery monitoring

Integrated LDO low-noise voltage regulator

36-ball W-CSP package (2.96 x 3.06 x 0.7mm, 0.5mm pitch)



APPLICATIONS

Digital Still Cameras (DSC)

Multimedia phones




Similar Part No. - WM8945

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8940 WOLFSON-WM8940 Datasheet
854Kb / 85P
Mono CODEC with Speaker Driver
logo
Cirrus Logic
WM8940 CIRRUS-WM8940 Datasheet
1Mb / 88P
Mono CODEC with Speaker Driver
Rev 4.4 JAN 2022
logo
Wolfson Microelectronic...
WM8940CGEFL/RV WOLFSON-WM8940CGEFL/RV Datasheet
922Kb / 91P
Mono CODEC with Speaker Driver
logo
Cirrus Logic
WM8940CGEFL/RV CIRRUS-WM8940CGEFL/RV Datasheet
1Mb / 88P
Mono CODEC with Speaker Driver
Rev 4.4 JAN 2022
logo
Wolfson Microelectronic...
WM8940CGEFL/V WOLFSON-WM8940CGEFL/V Datasheet
922Kb / 91P
Mono CODEC with Speaker Driver
More results


Similar Description - WM8945

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8941 WOLFSON-WM8941 Datasheet
1Mb / 96P
Mono CODEC with Speaker Driver and Video Buffer
WM8946 WOLFSON-WM8946 Datasheet
2Mb / 175P
Stereo Low-Power CODEC with Video Buffer
WM8948 WOLFSON-WM8948 Datasheet
1Mb / 189P
Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
logo
Cirrus Logic
WM8944B CIRRUS-WM8944B Datasheet
2Mb / 165P
Mono Low-Power CODEC with Video Buffer
WM8946 CIRRUS-WM8946 Datasheet
3Mb / 173P
Stereo Low-Power CODEC with Video Buffer
logo
Realtek Semiconductor C...
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610_09 Datasheet
1Mb / 93P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 73P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com