Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8945
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8945 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 169 page
background image
w
WM8945
Mono Low-Power CODEC with
Video Buffer and Touch Panel Controller
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, May 2011, Rev 4.1
Copyright
2011 Wolfson Microelectronics plc
DESCRIPTION
The WM8945 is a highly integrated low power hi-fi CODEC
designed for portable devices such as digital still cameras.
Up to 4 analogue inputs may be connected; a digital microphone
interface is also provided. Flexible output mixing options support
single-ended and differential configurations, with outputs derived
from the digital audio paths or from analogue bypass paths.
Mono line output and mono BTL headphone/speaker drive is
supported.
Flexible digital mixing and powerful DSP functions are available.
Programmable filters and other processes may be applied to the
ADC or DAC signal paths. The DSP functions include 5 notch
filters, 5-band EQ, dynamic range control and the Wolfson
ReTune™ feature.
The ReTune™ feature is a sophisticated digital filter that can
compensate for imperfect characteristics of the housing,
loudspeaker or microphone components in an application. The
ReTune™ algorithm can provide acoustic equalisation and
selective phase (delay) control of specific frequency bands.
The WM8945 is controlled via an I2C or SPI interface. Additional
functions include 4-wire Touch Panel controller, Auxiliary ADC,
Digital beep generator, Video buffer, programmable GPIO
functions, Frequency Locked Loop (FLL) for flexible clocking
support and integrated LDO for low noise supply regulation.
The WM8945 is supplied in 36-ball W-CSP package, ideal for
portable systems.
FEATURES
Hi-fi audio CODEC
-
94dB SNR during ADC recording (‘A’ weighted)
-
96dB SNR during DAC playback (‘A’ weighted)
4 analogue audio inputs
Integrated bias reference for electret microphones
Digital microphone interface
Powerful digital mixing / DSP functions:
-
5-notch filters
-
5-band equalizer (EQ)
-
ReTune™ parametric filter
-
Dynamic range control and noise gate
-
Low-pass/High-pass filters
-
Direct Form 1 (DF1) programmable digital filter
Digital beep generator
Mono line output
Mono BTL headphone/speaker output driver
I2S digital audio interface - sample rates 8kHz to 48kHz
Frequency Locked Loop (FLL) frequency conversion / filter
Video buffer function
4-wire Touch Panel interface controller
Auxiliary ADC for DC measurement or battery monitoring
Integrated LDO low-noise voltage regulator
36-ball W-CSP package (2.96 x 3.06 x 0.7mm, 0.5mm pitch)
APPLICATIONS
Digital Still Cameras (DSC)
Multimedia phones
DCVDD
DBVDD
SPKVDD
IN1L/DMICDAT
IN2L
ADC L
AUX1
AUX2
ADC /
Record
Digital
Filters
DSP Core
(Re-Tune EQ,
Dynamic Range
Control)
DAC
Digital
Filters
DAC L
CONTROL
INTERFACE
FLL
GPIO
DIGITAL AUDIO
INTERFACE
XN
YP
YN
XP
Digital Mic
Interface
TOUCH PANEL
INTERFACE
-1
Digital Beep
Generator
DMICCLK
(GPIO)
DMICDAT
VBIN
VBREFR
W
WM8945
OUTPUT
MIXERS
MICBIAS
LDO
Analogue Mic
Mux / PGA
SPKOUTL
SPKOUTR
LINEOUTL
AUX ADC
VBOUT
CURRENT MODE
VIDEO BUFFER
Reference


Similar Part No. - WM8945

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8940 WOLFSON-WM8940 Datasheet
854Kb / 85P
Mono CODEC with Speaker Driver
logo
Cirrus Logic
WM8940 CIRRUS-WM8940 Datasheet
1Mb / 88P
Mono CODEC with Speaker Driver
Rev 4.4 JAN 2022
logo
Wolfson Microelectronic...
WM8940CGEFL/RV WOLFSON-WM8940CGEFL/RV Datasheet
922Kb / 91P
Mono CODEC with Speaker Driver
logo
Cirrus Logic
WM8940CGEFL/RV CIRRUS-WM8940CGEFL/RV Datasheet
1Mb / 88P
Mono CODEC with Speaker Driver
Rev 4.4 JAN 2022
logo
Wolfson Microelectronic...
WM8940CGEFL/V WOLFSON-WM8940CGEFL/V Datasheet
922Kb / 91P
Mono CODEC with Speaker Driver
More results

Similar Description - WM8945

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8941 WOLFSON-WM8941 Datasheet
1Mb / 96P
Mono CODEC with Speaker Driver and Video Buffer
WM8946 WOLFSON-WM8946 Datasheet
2Mb / 175P
Stereo Low-Power CODEC with Video Buffer
WM8948 WOLFSON-WM8948 Datasheet
1Mb / 189P
Stereo Low-Power CODEC with Video Buffer and Touch Panel Controller
logo
Cirrus Logic
WM8944B CIRRUS-WM8944B Datasheet
2Mb / 165P
Mono Low-Power CODEC with Video Buffer
WM8946 CIRRUS-WM8946 Datasheet
3Mb / 173P
Stereo Low-Power CODEC with Video Buffer
logo
Realtek Semiconductor C...
ALC5610 REALTEK-ALC5610 Datasheet
1Mb / 91P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610 REALTEK-ALC5610_09 Datasheet
1Mb / 93P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5610-GR REALTEK-ALC5610-GR Datasheet
1Mb / 89P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611 REALTEK-ALC5611_09 Datasheet
1Mb / 77P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
ALC5611-GR REALTEK-ALC5611-GR Datasheet
1Mb / 73P
AC??7 AUDIO CODEC TOUCH PANEL CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com