Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945 Datasheet(PDF) 94 Page - Wolfson Microelectronics plc

Part # WM8945
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945 Datasheet(HTML) 94 Page - Wolfson Microelectronics plc

Back Button WM8945 Datasheet HTML 90Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 91Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 92Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 93Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 94Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 95Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 96Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 97Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 98Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 169 page
background image
WM8945
Production Data
w
PD, May 2011, Rev 4.1
94
GPn_FN
DESCRIPTION
COMMENTS
0000
Logic level input
External logic level is read from GPn_LVL.
Associated interrupt (when enabled) is level-triggered.
0001
Edge detection input
External logic level is read from GPn_LVL.
Associated interrupt (when enabled) is edge
triggered. Note that TOCLK_ENA must be set.
0010
CLKOUT output
Output clock frequency is set by CLKOUT_DIV.
0011
Interrupt (IRQ) output
Hardware output of all unmasked Interrupts.
0100
Pen Down output
Indicates Touch Panel Pen Down detection.
This flag is asserted whenever the Pen is in contact
with the Touch Panel.
0101
Touch Panel
measurement complete
Indicates a set of Touch Panel measurements has
been completed.
This function provides a pulse when new Touch Panel
measurement data is ready. The pulse duration is
approximately 1.95
s.
0110
Auxiliary ADC
measurement complete
Indicates a new Auxiliary ADC measurement has
been completed.
This function provides a pulse when new AUXADC
measurement data is ready. The pulse duration is
approximately 1.95
s.
0111
Temperature flag output
Indicates the temperature sensor output. This is a
hardware output of the TEMP_STS bit (assuming
GPn_POL = 0).
0 = Normal
1 = Overtemperature
1000
Reserved
1001
DMICCLK output
Output clock for digital microphone interface
1010
Logic level output
Pin logic level is set by GPn_LVL.
1011
LDO_UV output
Indicates the LDO undervoltage status. This is a
hardware output of the LDO_UV_STS bit (assuming
GPn_POL = 0).
0 = Normal
1 = LDO undervoltage
1100
Reserved
1101
Reserved
1110
Reserved
1111
Reserved
Table 63 GPIO Function Select



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com