Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945 Datasheet(PDF) 61 Page - Wolfson Microelectronics plc

Part # WM8945
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945 Datasheet(HTML) 61 Page - Wolfson Microelectronics plc

Back Button WM8945 Datasheet HTML 57Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 58Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 59Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 60Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 61Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 62Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 63Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 64Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 65Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 169 page
background image
Production Data
WM8945
w
PD, May 2011, Rev 4.1
61
LDO_VSEL [4:0]
LDO OUTPUT
LDO_VSEL [4:0]
LDO OUTPUT
00h
Vref x 1.42
10h
Vref x 2.85
01h
Vref x 1.50
11h
Vref x 3.00
02h
Vref x 1.58
12h
Vref x 3.16
03h
Vref x 1.66
13h
Vref x 3.32
04h
Vref x 1.74
14h
Vref x 3.49
05h
Vref x 1.82
15h
Vref x 3.63
06h
Vref x 1.90
16h
Vref x 3.79
07h
Vref x 1.97
17h
Vref x 3.95
08h
Vref x 2.06
18h
Vref x 4.12
09h
Vref x 2.13
19h
Vref x 4.28
0Ah
Vref x 2.21
1Ah
Vref x 4.42
0Bh
Vref x 2.29
1Bh
Vref x 4.58
0Ch
Vref x 2.37
1Ch
Vref x 4.75
0Dh
Vref x 2.45
1Dh
Vref x 4.90
0Eh
Vref x 2.53
1Eh
Vref x 5.06
0Fh
Vref x 2.69
1Fh
Vref x 5.23
Note
– Vref is the applicable voltage reference, selected by LDO_REF_SEL.
Table 37 LDO Output Voltage Control
BG_VSEL [4:0]
BG Voltage (V)
BG_VSEL [4:0]
BG Voltage (V)
00h
1.200
08h
1.414
01h
1.227
09h
1.440
02h
1.253
0Ah
1.467
03h
1.280
0Bh
1.494
04h
1.307
0Ch
1.520
05h
1.334
0Dh
1.547
06h
1.360
0Eh
1.574
07h
1.387
0Fh
1.600
Table 38 Bandgap Voltage Control
REFERENCE VOLTAGES AND MASTER BIAS
This section describes the analogue reference voltage and bias current controls. It also describes the
VMID soft-start circuit for pop suppressed start-up and shut-down.
The analogue circuits in the WM8945 require a mid-rail analogue reference voltage, VMID. This
reference is generated via a programmable resistor chain. Together with the external decoupling
capacitor (connected to the VMIDC pin), the programmable resistor chain results in a slow, normal or
fast charging characteristic on the VMID reference. This is enabled using VMID_ENA and VMID_SEL.
The different resistor options controlled by VMID_SEL can be used to optimise the reference for
normal operation, low power standby or for fast start-up as described in Table 39.
The VMID resistor chain can be powered from the LDO output (LDOVOUT) or from the LDO supply
(LDOVDD). This is selected using VMID_REF_SEL.
Note that when VMID is selected as the LDO reference voltage, VMID cannot be generated from the
LDOVOUT supply voltage (VMID_REF_SEL = 1) and must be generated from the LDOVDD supply
voltage (VMID_REF_SEL = 0).
The VMID ratio can be selected using VMID_CTRL. This selects the ratio of VMID to the supply
voltage that has been selected by VMID_REF_SEL. VMID should be half of the LDOVOUT supply
voltage for maximum voltage swing. In the case where VMID_REF_SEL has selected the LDOVOUT
supply voltage output, then VMID_CTRL should select the ratio “1/2”. In the case where
VMID_REF_SEL has selected the LDOVDD supply voltage, then the alternate ratio “5/11” may be
preferred provided LDOVDDD = 3.3V and LDOVOUT = 3.0V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com