Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8945 Datasheet(PDF) 14 Page - Wolfson Microelectronics plc

Part # WM8945
Description  Mono Low-Power CODEC with Video Buffer and Touch Panel Controller
PDF  169 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8945 Datasheet(HTML) 14 Page - Wolfson Microelectronics plc

Back Button WM8945 Datasheet HTML 10Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 11Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 12Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 13Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 14Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 15Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 16Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 17Page - Wolfson Microelectronics plc WM8945 Datasheet HTML 18Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 169 page
background image
WM8945
Production Data
w
PD, May 2011, Rev 4.1
14
TYPICAL PERFORMANCE
WM8945 ADC - THD+N v Ampltiude - ADC - Slave Mode
-120
-50
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
d
B
F
S
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
dBV
WM8945 DAC - THD+N v Ampltiude - DAC to LINEOUT 10kohm
Device2_FS=48kHz_10kOhm_DCVDD=1.8_DBVDD=3.3_LDOVDD=3.3_SPKVDD=3.3.at27
-120
-40
-115
-110
-105
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
d
B
V
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
dBFS
WM8945 - DAC to SPKOUT 8ohm BTL
THD+N v Amplitude - 48kHz
-120
-10
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
d
B
V
-120
+0
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
dBFS
T



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com